Electronic Components Datasheet Search |
|
800-012-07M6-1EX Datasheet(PDF) 1 Page - Glenair, Inc. |
|
800-012-07M6-1EX Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 3 page A B C D E F G H J K L M Dimensions in inches (millimeters) and are subject to change without notice. © 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com C-10 E-Mail: sales@glenair.com Series 800 PCB Receptacle Series 800 Receptacles feature gold- plated straight PCB tails or solder cup contacts. Contacts are non-removable. Two Shell Styles: jam nut with o-ring for rear panel mounting, or square flange. HOW TO ORDER Sample Part Number 800-012 -07 M 7-10 P Z Series Shell Style Shell Material / Finish Shell Size- Insert Arrangement Contact Type Shell Key Position 800-012 PCB Receptacle, Vertical Mount -02 Square Flange -07 Jam Nut C Aluminum / Black Anodize (Non-Conductive) RoHS Compliant M Aluminum / Electroless Nickel RoHS Compliant NF Aluminum / Cadmium with Olive Drab Chromate ZN Aluminum / Zinc-Nickel with Olive Drab Chromate UCR Aluminum / Zinc-Cobalt with Black Chromate RoHS Compliant ZNU Aluminum / Zinc-Nickel with Black Chromate MT Aluminum / Nickel-PTFE RoHS Compliant Z1 Stainless Steel / Passivated RoHS Compliant No. of Contacts Arr. #23 #20 #16 #12 5-3 3 6-1 1 6-4 4 6-7 7 7-1 1 7-10 10 8-2 2 8-13 13 8-200 42 9-4 4 9-19 19 9-200 42 9-201 82 10-5 5 10-26 26 10-200 12 1 10-201 42 10-202 82 12-2 2 12-3 3 12-7 7 12-37 37 12-200 62 12-201 10 2 P Pin S Socket E Pin, Solder Cup F Socket, Solder Cup N Normal X Pos. X Y Pos. Y Z Pos. Z Epoxy Sealed to prevent water ingress in “open face” condition. Integral Standoffs allow clearance for washing. Series 800 “Mighty Mouse” with UN Mating Thread Printed Circuit Board Receptacle Ordering Info 800-012-02 and 800-012-07 Rev. 01-FEB-2009 |
Similar Part No. - 800-012-07M6-1EX |
|
Similar Description - 800-012-07M6-1EX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |