Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90-0233-TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AT90-0233-TB
Description  Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT90-0233-TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AT90-0233-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT90-0233-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT90-0233-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT90-0233-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT90-0233-TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
Rev. V5
AT90-0233
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 2 dB Steps to 30 dB
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 Ohm Impedance
• Test Boards Available
• Tape and Reel Packaging Available
• CSP-1 Package
Description
M/A-COM’s AT90-0233 is a GaAs FET 4-Bit digital
attenuator with integral driver. Step size is 2 dB pro-
viding a 30 dB attenuation range. This device is in
an PQFN plastic surface mount package.
The
AT90-0233 is suited for use where accuracy, fast
speed, very low power consumption and low costs
are required.
.
Ordering Information
Part Number
Package
AT90-0233
Bulk Packaging
AT90-0233TR
1000 piece reel
AT90-0233-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Schematic with Off-Chip Components
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
17
N/C
2
C16
18
N/C
3
C8
19
N/C
4
C4
20
N/C
5
C2
21
N/C
6
GND
22
N/C
7
GND
23
N/C
8
N/C
24
N/C
9
N/C
25
N/C
10
N/C1
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
N/C1
14
N/C
30
VEE
15
N/C
31
N/C
16
N/C
32
VCC
1. Pins 10 and 29 must be isolated.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - AT90-0233-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0233-TB MACOM-AT90-0233-TB Datasheet
251Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
AT90-0233-TB MACOM-AT90-0233-TB Datasheet
216Kb / 4P
   Digital Attenuator 30dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results

Similar Description - AT90-0233-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com