Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-004-01C5-3SA Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 804-004-01C5-3SA
Description  Crimp Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-004-01C5-3SA Datasheet(HTML) 3 Page - Glenair, Inc.

  804-004-01C5-3SA Datasheet HTML 1Page - Glenair, Inc. 804-004-01C5-3SA Datasheet HTML 2Page - Glenair, Inc. 804-004-01C5-3SA Datasheet HTML 3Page - Glenair, Inc. 804-004-01C5-3SA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-8
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Series 804 Receptacles – Jam Nut Front Panel
KEYWAY
ø A
REd
STRIPE
F
FLAT
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
B Threads
B Threads
C Threads
C Threads
Ø D
Ø D
Ø E
Ø E
F Flat
F Flat
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
5
.830 21.08
.5000-32 UN-2A
.2500-32 UNEF-2A
.246
6.25
.625 15.87
.470 11.94
6
.885 22.48
.5625-32 UN-2A
.3125-32 UNEF-2A
.286
7.26
.688 17.47
.530 13.46
7
.995 25.27
.6875-28 UN-2A
.4375-28 UNEF-2A
.390
9.91
.812 20.62
.663 16.84
8
.995 25.27
.6875-28 UN-2A
.5000-28 UNEF-2A
.442 11.23
.812 20.62
.663 16.84
9
1.075 27.31
.7500-28 UN-2A
.5625-24 UNEF-2A
.500 12.70
.875 22.22
.720 18.29
10
1.140 28.95
.8125-28 UN-2A
.6250-24 UNEF-2A
.564 14.33
.938 23.82
.788 20.02
12
1.340 34.04 1.0000-28 UN-2A
.6875-24 UNEF-2A
.650 16.51 1.125 28.57
.970 24.64
14
1.390 35.31 1.0625-20 UN-2A
.9375-20 UNEF-2A
.805 20.45 1.188 30.18 1.020 25.91
15
1.450 36.83 1.1250-28 UN-2A
.9375-20 UNEF-2A
.850 21.59 1.250 31.75 1.093 27.76
ALTERNATE KEY PoSITIoNS
Pos.
Pos.
A
150° 210°
b
75°
210°
C
95°
230°
d
140° 275°
JAM NUT PANEL CUToUT
Shell
Shell
Size
Size
A Flat
A Flat
Ø B
B
In.
In.
± .002
± .002
mm.
mm.
± 0.05
± 0.05
In.
In.
mm.
mm.
5
.480 12.19
.510 12.95
6
.540 13.72
.575 14.61
7
.674
17.12
.698 17.73
8
.674
17.12
.698 17.73
9
.730 18.54
.760 19.30
10
.799 20.29
.822 20.88
12
.980 24.89 1.010 25.65
14
1.030 26.16 1.075 27.31
15
1.013 25.73 1.135 28.83
A FLAT
ø b
Integral Band Platform
Integral Band Platform
804-003-00
Accessory Thread
Accessory Thread
804-004-00
O-RING
2 plcs
SPRING
PANEL THICKNESS
C THREAd
b THREAd
.500 (12.7) MAX
.675
(17.1)
Rev. 19-AUG-2008
1.170 (29.7)
1.150 (29.2)
GROMMET
.000 .120
(0.00 3.05)
Ød
ØE


Similar Part No. - 804-004-01C5-3SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-004-01 GLENAIR-804-004-01 Datasheet
222Kb / 1P
   Receptacle Connector
More results

Similar Description - 804-004-01C5-3SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-025SH-5P5EMN GLENAIR-790-025SH-5P5EMN Datasheet
895Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
logo
HARTING Technology Grou...
09-10-012-3106 HARTING-09-10-012-3106 Datasheet
494Kb / 3P
   Han 1A-12-c-f Crimp termination
09-10-012-3006 HARTING-09-10-012-3006 Datasheet
488Kb / 3P
   Han 1A-12-c-m Crimp termination
09-10-008-3106 HARTING-09-10-008-3106 Datasheet
507Kb / 3P
   Han 1A-M12-f X-coded Crimp termination
logo
List of Unclassifed Man...
KPT06J14-18P ETC2-KPT06J14-18P Datasheet
326Kb / 31P
   High performance, Crimp termination, Closed entry socket contacts
logo
HARTING Technology Grou...
09-10-012-3101 HARTING-09-10-012-3101 Datasheet
494Kb / 3P
   Han 1A-12-c-f latch Crimp termination
09-10-005-3106 HARTING-09-10-005-3106 Datasheet
511Kb / 3P
   Han 1A-5PE-c-f Crimp termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com