Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-012-07ZM5-3EB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 802-012-07ZM5-3EB
Description  Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-012-07ZM5-3EB Datasheet(HTML) 1 Page - Glenair, Inc.

  802-012-07ZM5-3EB Datasheet HTML 1Page - Glenair, Inc. 802-012-07ZM5-3EB Datasheet HTML 2Page - Glenair, Inc. 802-012-07ZM5-3EB Datasheet HTML 3Page - Glenair, Inc. 802-012-07ZM5-3EB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-9
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 802 “Aqua Mouse”
3500 PSI Rated
Square Flange Receptacle
with 4 #16 PCB Contacts
(Layout 9-4)
Series 802 PCB/Solder Receptacles
feature gold-plated tails for solder
termination to rigid or flexible circuits
or solder cups for attaching wire.
Contacts are non-removable.
316 series Stainless Steel
Shells and Viton® O-rings for
excellent performance in corrosive
environments.
Three Shell Styles: jam nut with o-
ring for rear panel mounting, jam nut
with o-ring for front panel mounting, or
square flange for front panel mounting.
HOW TO ORDER SERIES 802 PCB / SOLDER CUP RECEPTACLES
Sample Part Number
802-012
-00
Z1
6-1
P
A
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
802-012
Receptacle with
Solder Cup or PCB
Contacts
-02
Square Flange
-00
Jam Nut for Front
Panel Mounting
-07
Jam Nut for Rear
Panel Mounting
Z1
Stainless Steel /
Passivated
ZM
Stainless Steel /
Electroless Nickel Plated
5-3
3 #23 Contacts
6-1
1 #16 Contact
6-4
4 #23 Contacts
6-7
7 #23 Contacts
7-1
1 #12 Contact
7-10
10 #23 Contacts
8-13
13 #23 Contacts
9-4
4 #16 Contacts
9-19
19 #23 Contacts
10-26 26 #23 Contacts
12-2
2 #12 Contacts
12-37 37 #23 Contacts
14-55 55 #23 Contacts
15-85 85 #23 Contacts
P
Pin, PC Tail
S
Socket, PC
Tail
E
Pin, Solder
Cup
F
Socket,
Solder Cup
A
Normal
B
Pos. B
C
Pos. C
D
Pos. D
Series 802 Receptacles for PCB or Solder Cup
Epoxy Sealed to prevent water
ingress in "open face" condition.
Viton® o-ring provides sealing to 3500
PSI hydrostatic pressure when mated.
Open face (unmated) pressure rating
is 1 meter immersion for one hour.
Rev. 05-APR-2007


Similar Part No. - 802-012-07ZM5-3EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
More results

Similar Description - 802-012-07ZM5-3EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com