Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-009-06ZM6-7GC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 802-009-06ZM6-7GC
Description  Plug Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-009-06ZM6-7GC Datasheet(HTML) 2 Page - Glenair, Inc.

  802-009-06ZM6-7GC Datasheet HTML 1Page - Glenair, Inc. 802-009-06ZM6-7GC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-4
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Series 802 “Aqua Mouse”
3500 PSI Rated
DIMENSIONS
Shell
Size
A Hex
B Max.
C
Ø D
E Threads
Accessory
In.
mm.
In.
mm.
Mating Threads
In.
mm.
5
.500
12.70
.560
14.22
.438-28 UNEF
.250
6.35
.2500-32 UNEF-2A
6
.625
15.88
.720
18.29
.562-20 UN
.312
7.92
.3125-32 UNEF-2A
7
.688
17.48
.780
19.81
.625-20 UN
.375
9.53
.4375-28 UNEF-2A
8
.750
19.05
.860
21.84
.687-20 UN
.438
11.13
.5000-28 UNEF-2A
9
.812
20.62
.930
23.62
.750-20 UNEF
.500
12.70
.5625-24 UNEF-2A
10
.875
22.23
1.000
25.40
.812-20 UNEF
.562
14.27
.6250-24 UNEF-2A
12
.938
23.83
1.060
26.92
.875-20 UNEF
.656
16.66
.6875-24 UNEF-2A
14
1.125
28.58
1.250
31.75
1.062-20 UN
.812
20.62
.8750-20 UNEF-2A
15
1.188
30.18
1.320
33.53
1.125-20 UN
.875
22.23
.9375-20 UNEF-2A
Series 802 Plug Connectors
SERIES 802 PLUG KEY POSITIONS
Key Position
Key Rotation
Normal (A)
150°
210°
B75°
210°
C95°
230°
D
140°
275°
PLUG WITH INTEGRAL
BAND PLATFORM
802-008
PLUG WITH
ACCESSORY THREAD
802-009
.25
(6.35)
1.125 (28.58) MAX
ø D
MEDIUM MALE
DIAMOND KNURL
C THREAD
MASTER KEY
B
ACROSS
CORNERS
A HEX
1.125 (28.58)
MAX
C THREAD
E THREAD
Rev. 08-FEB-2007


Similar Part No. - 802-009-06ZM6-7GC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-009-06 GLENAIR-802-009-06 Datasheet
168Kb / 1P
   Submersible Plug
More results

Similar Description - 802-009-06ZM6-7GC

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOL-0804-G05M SICK-DOL-0804-G05M Datasheet
238Kb / 4P
   Plug connectors
DOL-1203-W15MC SICK-DOL-1203-W15MC Datasheet
270Kb / 4P
   Plug connectors
DSL-1208-G02MC SICK-DSL-1208-G02MC Datasheet
263Kb / 4P
   Plug connectors
DSL-8204-B02MC SICK-DSL-8204-B02MC Datasheet
248Kb / 4P
   Plug connectors
DOL-1204-W10M SICK-DOL-1204-W10M Datasheet
272Kb / 4P
   Plug connectors
DSL-0803-G2M5C SICK-DSL-0803-G2M5C Datasheet
221Kb / 4P
   Plug connectors
DSL-1208-G10MC SICK-DSL-1208-G10MC Datasheet
263Kb / 4P
   Plug connectors
DOL-1204-G05MAC SICK-DOL-1204-G05MAC Datasheet
223Kb / 4P
   Plug connectors
DSL-1203-G02M SICK-DSL-1203-G02M Datasheet
217Kb / 4P
   Plug connectors
DSL-8204-B0M6C SICK-DSL-8204-B0M6C Datasheet
248Kb / 4P
   Plug connectors
DSL-1204-G05MC SICK-DSL-1204-G05MC Datasheet
267Kb / 4P
   Plug connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com