Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

801-012-03Z16-7PC Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 801-012-03Z16-7PC
Description  Double-Start ACME Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-012-03Z16-7PC Datasheet(HTML) 4 Page - Glenair, Inc.

  801-012-03Z16-7PC Datasheet HTML 1Page - Glenair, Inc. 801-012-03Z16-7PC Datasheet HTML 2Page - Glenair, Inc. 801-012-03Z16-7PC Datasheet HTML 3Page - Glenair, Inc. 801-012-03Z16-7PC Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-18
E-Mail: sales@glenair.com
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
Series 801 Hermetic Solder Mount Receptacle
Solder Mount Hermetic
801-012-03
DIMENSIONS
Shell
Size
Ø A
B
Thread
Ø C
Ø D
Panel
Cutout
Ø L
Tail Dia.
In.
mm.
In.
mm.
In.
mm.
5
.395
10.03
.3125-.05P-.1L-2A
.244
6.20
.319
8.10
#23
.018/.022
(0.46/0.56)
#16
.060/.064
(1.52/1.63)
#12
.092/.096
(2.34/2.44
6
.455
11.56
.375-.05P-.1L-2A
.330
8.38
.376
9.55
7
.520
13.21
.4375-.05P-1L-2A
.432
11.97
.438
11.13
8
.580
14.73
.5000-.05P-1L-2A
.493
12.52
.438
11.13
9
.645
16.38
.5625-.05P-.1L-2A
.551
14.00
.563
14.30
10
.705
18.01
.6250-.05P-1L-2A
.620
15.75
.438
11.13
13
.895
22.73
.8125-.1P-.2L-2A
.703
17.86
.814
20.68
16
1.080
27.43
1.000-.1P-.2L-2A
.863
21.92
1.007
25.58
17
1.145
29.08
1.062-.1P-.2L-2A
.912
23.16
1.067
27.10
KEY POSITIONS
Receptacle Key Positions
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
ø D +.005 (.13)
- .000
1
ø A
MASTER
KEYWAY
.039 (1.00)
VIEW A
.025 (0.64)
.760(19.30)
MAX
PC TAIL
B THREAD
RED FULL MATE
INDICATOR BAND
SOLDER CUP
.280 (7.11) MAX
ø C
.125 (3.18) MIN
øE
30°
FOR SIZE 5 AND 6 ONLY
VIEW A
.013 (0.33)
Rev. 05-APR-2007


Similar Part No. - 801-012-03Z16-7PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
More results

Similar Description - 801-012-03Z16-7PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-01C5-3PA GLENAIR-801-009-01C5-3PA Datasheet
322Kb / 4P
   Double-Start ACME Thread
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-007-16C5-3PA GLENAIR-801-007-16C5-3PA Datasheet
148Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com