Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-004-02C6-7PN Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 803-004-02C6-7PN
Description  Bayonet Crimp Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-004-02C6-7PN Datasheet(HTML) 3 Page - Glenair, Inc.

  803-004-02C6-7PN Datasheet HTML 1Page - Glenair, Inc. 803-004-02C6-7PN Datasheet HTML 2Page - Glenair, Inc. 803-004-02C6-7PN Datasheet HTML 3Page - Glenair, Inc. 803-004-02C6-7PN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-7
E-Mail: sales@glenair.com
A
B
F
D
E
F
G
H
J
K
L
M
N
P
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
Accessory Thread
803-004
Integral Band Platform
803-003
Series 803 Flange Mount Crimp Receptacle
DIMENSIONS
Shell
Size
A Max.
B Bsc.
C Ref.
Ø D
E Thread
Ø F
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.703
17.86
.513
13.03
.460
11.68
.300
7.62
.2500-32 UNEF-2A
.230
5.84
6
.788
20.02
.598
15.19
.522
13.26
.362
9.19
.3125-32 UNEF-2A
.286
7.26
7
.890
22.61
.708
17.98
.590
14.99
.436
11.07
.4375-28 UNEF-2A
.390
9.91
8
1.154
29.31
.964
24.49
.668
16.97
.508
12.91
.4375-28 UNEF-2A
.440
11.18
9
1.207
30.66
1.017
25.83
.721
18.31
.561
14.25
.5625-24 UNEF-2A
.500
12.70
10
1.291
32.79
1.101
27.97
.795
20.19
.635
16.13
.4375-28 UNEF-2A
.562
14.27
12
1.394
35.41
1.204
30.58
.874
22.20
.714
18.14
.6875-24 UNEF-2A
.650
16.51
14
1.545
39.24
1.280
32.51
1.050
26.67
.865
21.97
.9375-20 UNEF-2A
.805
20.45
15
1.630
41.4
1.370
34.80
1.150
29.21
.925
23.50
.9375-20 UNEF-2A
.850
21.59
A MAX
B BSC
C REF
MASTER
KEYWAY
45º
.110/.103
(2.79/2.62)
2 PLCS
Ø F
Ø D
.880 (22.35) MAX
.485 (12.32)
.425 (10.80)
E THREAD
Ø D
.850 (21.59) MAX
.485 (12.32)
.425 (10.80)
ALTERNATE KEY POSITIONS
Pos.
N
150°
210°
X
75°
210°
Y
95°
230°
Z
140°
275°
SERIES 803 PANEL CUTOUTS
FLANGE MOUNT
Shell
Size
A
Ø B
In.
mm.
In.
mm.
5
.513
13.03
.365
9.25
6
.598
15.19
.430
10.92
7
.708
17.98
.520
13.21
8
.964
17.98
.592
15.04
9
1.017
25.83
.645
16.38
10
1.101
27.97
.726
18.44
12
1.204
30.58
.832
21.13
14
1.280
32.51
.945
24.00
15
1.370
34.80
1.010
25.65
A BSC
ø B
2X ø.122 (3.1)
Rev. 18-MAR-2007


Similar Part No. - 803-004-02C6-7PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-004-02 GLENAIR-803-004-02 Datasheet
180Kb / 1P
   1/4 Turn Bayonet Receptacle
More results

Similar Description - 803-004-02C6-7PN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-9000 MOLEX11-63823-9000 Datasheet
39Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239000 MOLEX-ATS-638239000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
63823-9000 MOLEX-63823-9000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
0638239900 MOLEX-0638239900 Datasheet
34Kb / 2P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/25/2022
0638239000 MOLEX-0638239000 Datasheet
32Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/26/2022
63823-9900 MOLEX11-63823-9900 Datasheet
40Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239900 MOLEX-ATS-638239900 Datasheet
702Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
02-11-11
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
   SLEEVE, BAYONET, BNC
logo
TT Electronics.
DS3012 TTELEC-DS3012 Datasheet
287Kb / 1P
   Adjustable Bayonet Thermocouple
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com