Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805-004-01M10-13SA Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 805-004-01M10-13SA
Description  Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-004-01M10-13SA Datasheet(HTML) 3 Page - Glenair, Inc.

  805-004-01M10-13SA Datasheet HTML 1Page - Glenair, Inc. 805-004-01M10-13SA Datasheet HTML 2Page - Glenair, Inc. 805-004-01M10-13SA Datasheet HTML 3Page - Glenair, Inc. 805-004-01M10-13SA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-8
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 805 “Mighty Mouse”
Triple-Start
Series 805 Square Flange Receptacles
DIMENSIoNS
Shell Size
Shell Size
A
A
B
B
ØC
ØC
ØD
ØD
E Threads
E Threads
Ø F
Ø F
G Threads
G Threads
Accessory
Accessory
In.
In.
± .003
± .003
mm.
mm.
± .08
± .08
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
8
.850 21.59
.660 16.76 1.150 29.21
.094
2.39 .5000-.1P-.3L-TS-2A
.317
8.05 .3750-32 UNEF-2A
9
.913 23.19
.723 18.36 1.230 31.24
.094
2.39 .5625-.1P-.3L-TS-2A
.397 10.08 .4375-28 UNEF-2A
10
.975 24.77
.785 19.94 1.330 33.78
.094
2.39 .6250-.1P-.3L-TS-2A
.473 12.01 .5000-28 UNEF-2A
11
1.039 26.39
.848 21.54 1.410 35.81
.094
2.39 .6875-.1P-.3L-TS-2A
.519 13.18 .5625-24 UNEF-2A
12
1.099 27.91
.909 23.09 1.500 38.10
.094
2.39 .7500-.1P-.3L-TS-2A
.585 14.86 .6250-24 UNEF-2A
15
1.288 32.74 1.058 26.87 1.750 44.45
.128
3.25 .9375-.1P-.3L-TS-2A
.687 17.45 .7500-20 UNEF-2A
18
1.475 37.47 1.255 31.88 2.000 50.80
.128
3.25 1.1250-.1P-.3L-TS-2A
.884 22.45 .9375-20 UNEF-2A
19
1.537 71.06 1.327 33.71 2.094 53.19
.128
3.25 1.1875-.1P-.3L-TS-2A
.884 22.45 .9375-20 UNEF-2A
SERIES 805 kEY poSITIoNS
key
position
key Rotation
A
B
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
ø.005 M
4X ø D
MASTER
KEYWAY
ø C
A SQ
TYP
B BSC
TYP
RECEPTACLE WITH
INTEGRAL BAND
PLATFORM
805-003-02
RECEPTACLE WITH
ACCESSORY THREAD
805-004-02
.060
(1.52)
RED FULL MATE
INDICATOR BAND
E
THREAD
G
THREAD
.060
(1.52)
RED FULL MATE
INDICATOR BAND
E
THREAD
ø F
Rev. 19-AUG-2008
MATERIALS AND FINISHES
Connector Shell
Aluminum or Stainless Steel
Insulator
Liquid Crystal Polymer (LCP)
Seals
Fluorosilicone Rubber, Blue
Pin Contact
Beryllium Copper, Gold over Nickel Plating
Socket Contact
Beryllium Copper, Gold over Nickel Plating, with SST Hood
Contact Retainer Clip
Beryllium Copper, Unplated
pERFoRMANCE SpECIFICATIoNS
DWV
500 VAC Sea level
Insulation Resistance 5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Operating Temperature -55° C. to +150° C.
Immersion
MIL-STD-810 Method 512. One Meter for One Hour.
EMI
60 dB Minimum from 100 MHz. to 10 GHz.
.992 (25.20)
.405
(10.29)
.992 (25.20)
.405
(10.29)
.000 .165
(0.00 4.19)
GROMMET


Similar Part No. - 805-004-01M10-13SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
805-00002 ETC2-805-00002 Datasheet
819Kb / 16P
   Eddie Robot Platform
805-00012 ETC2-805-00012 Datasheet
134Kb / 11P
   Parallax Serial LCD
805-00038 ETC1-805-00038 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
805-00040 ETC1-805-00040 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
logo
Glenair, Inc.
805-001 GLENAIR-805-001 Datasheet
205Kb / 1P
   Mighty Mouse Size #8 Connector Plug
More results

Similar Description - 805-004-01M10-13SA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
   Receptacles
0.7_2022-07-16
BCC0E57 BALLUFF-BCC0E57 Datasheet
97Kb / 2P
   Receptacles
0.62_2022-07-16
BCC0CWL BALLUFF-BCC0CWL Datasheet
104Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0CYE BALLUFF-BCC0CYE Datasheet
107Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0E63 BALLUFF-BCC0E63 Datasheet
108Kb / 2P
   Receptacles
0.69_2022-07-26
BCC0CZ9 BALLUFF-BCC0CZ9 Datasheet
110Kb / 2P
   Receptacles
0.61_2022-07-16
BCC0CYN BALLUFF-BCC0CYN Datasheet
106Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0CZ6 BALLUFF-BCC0CZ6 Datasheet
107Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0E35 BALLUFF-BCC0E35 Datasheet
93Kb / 2P
   Receptacles
0.6_2022-07-16
BCC0ER2 BALLUFF-BCC0ER2 Datasheet
109Kb / 2P
   Receptacles
0.62_2022-08-08
BCC0ER3 BALLUFF-BCC0ER3 Datasheet
110Kb / 2P
   Receptacles
0.62_2022-07-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com