Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-032-07C7-10PY Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 800-032-07C7-10PY
Description  Right Angle PCB Receptacle Headers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-032-07C7-10PY Datasheet(HTML) 4 Page - Glenair, Inc.

  800-032-07C7-10PY Datasheet HTML 1Page - Glenair, Inc. 800-032-07C7-10PY Datasheet HTML 2Page - Glenair, Inc. 800-032-07C7-10PY Datasheet HTML 3Page - Glenair, Inc. 800-032-07C7-10PY Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-16
E-Mail: sales@glenair.com
Series 800 “Mighty Mouse” with UN Mating Thread
Right Angle PCB Receptacle Headers
800-032 PCB Mounting Footprints
5-3P
6-4P
6-7P
7-10P
8-13P
9-19P
5-3S
6-4S
6-7S
7-10S
8-13S
9-19S
RIGHT ANGLE PCB FOOTPRINTS: PIN CONNECTORS
Patterns shown are for component mounting side of PCB
.
Contacts are .022 (0.56) max. diameter, mounting holes are .093 (2.36) diameter
RIGHT ANGLE PCB FOOTPRINTS: SOCKET CONNECTORS
Patterns shown are for component mounting side of PCB
.
A
C
B
.076 (1.93)
.038
(0.97)
.006
(0.15)
.155
(3.94)
.310
(7.87)
.064 (1.63)
.192
(4.88)
.385
(9.78)
4
3
1
2
.037 (0.94)
.029 (0.74)
.038 (0.97)
.204
(5.18)
.408
(10.36)
.076 (1.93)
.038 (0.97)
.066 (1.68)
TYP.
4
5
6
7
3
1
2
1
2
3
4
5
10
9
8
7
6
.038
(0.97)
.040 (1.02)
.452
(11.48)
.226
(5.74)
.066 (1.68) TYP.
.114
(2.90)
.076
(1.93)
5
1
2
3
4
10
12
11
6
13
9
8
7
.066 (1.68) TYP.
.038
(0.97)
.490
(12.45)
.245
(6.22)
.046 (1.17)
.114
(2.90)
.076
(1.93)
.114
(2.90)
.600
(15.24)
.300
(7.62)
.152
(3.86)
.076
(1.93)
.132 (3.35)
.066 (1.68)
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
17
18
19
A
C
B
.076 (1.93)
.038
(0.97)
.006
(0.15)
.155
(3.94)
.310
(7.87)
.064 (1.63)
.192
(4.88)
.385
(9.78)
4
3
1
2
.037 (0.94)
.029 (0.74)
.038 (0.97)
.204
(5.18)
.408
(10.36)
.076 (1.93)
.038 (0.97)
.066 (1.68)
TYP.
4
5
6
7
3
1
2
1
2
3
4
5
10
9
8
7
6
.038
(0.97)
.040 (1.02)
.452
(11.48)
.226
(5.74)
.066 (1.68) TYP.
.114
(2.90)
.076
(1.93)
5
1
2
3
4
10
12
11
6
13
9
8
7
.066 (1.68) TYP.
.038
(0.97)
.490
(12.45)
.245
(6.22)
.046 (1.17)
.114
(2.90)
.076
(1.93)
.114
(2.90)
.600
(15.24)
.300
(7.62)
.152
(3.86)
.076
(1.93)
.132 (3.35)
.066 (1.68)
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
17
18
19
Rev. 27-APR-2009


Similar Part No. - 800-032-07C7-10PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
More results

Similar Description - 800-032-07C7-10PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
logo
Tyco Electronics
281698 MACOM-281698 Datasheet
71Kb / 1P
   HEADERS HEI4, SINGLE ROW, RIGHT ANGLE
logo
Dubilier
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
logo
Winchester Electronics ...
SD353-060-0040H WINCHESTER-SD353-060-0040H Datasheet
82Kb / 1P
   SMA RIGHT ANGLE PCB MOUNT RECEPTACLE
logo
Dubilier
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com