Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802-013-07ZL6-1PB Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 802-013-07ZL6-1PB
Description  Hermetic Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-013-07ZL6-1PB Datasheet(HTML) 3 Page - Glenair, Inc.

  802-013-07ZL6-1PB Datasheet HTML 1Page - Glenair, Inc. 802-013-07ZL6-1PB Datasheet HTML 2Page - Glenair, Inc. 802-013-07ZL6-1PB Datasheet HTML 3Page - Glenair, Inc. 802-013-07ZL6-1PB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-15
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 802 “Aqua Mouse”
3500 PSI Rated
802-013-07 Hermetic Receptacle for PCB or Solder Cup
DIMENSIONS
Shell
Size
A Max.
B Flat
CD
E Flat
Ø F
In.
± .003
mm.
± 0.08
In.
± .003
mm.
±0.08
In.
mm.
Mating Threads
Threads
In.
mm.
5
.885
22.48
.466
11.84
.438-28 UNEF
.500-32 UN-2A
.477
12.12
.510
12.95
6
1.010
25.65
.591
15.01
.562-20 UN
.625-28 UN-2A
.602
15.29
.635
16.13
7
1.072
27.23
.653
16.59
.625-20 UN
.687-28 UN-2A
.664
16.87
.697
17.70
8
1.135
28.83
.716
18.19
.687-20 UN
.750-28 UN-2A
.727
18.47
.760
19.30
9
1.195
30.35
.778
19.76
.750-20 UNEF
.812-28 UN-2A
.789
20.04
.822
20.88
10
1.260
32.00
.827
21.01
.812-20 UNEF
.875-28 UN-2A
.838
21.29
.885
22.48
12
1.322
33.58
.890
22.61
.875-20 UNEF
.938-28 UN-2A
.901
22.89
.948
24.08
14
1.510
38.25
1.077
27.36
1.062-20 UN
1.125-28 UN-2A
1.088
27.64
1.135
28.83
15
1.572
39.93
1.140
28.96
1.125-20 UN
1.188-28 UN-2A
1.151
29.24
1.198
30.43
øF
E FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 07 REAR MOUNT JAM NUT
SERIES 802 RECEPTACLE KEY POSITIONS
Key
Position
Key Rotation
Normal (A)
150°
210°
B75°
210°
C95°
230°
D
140°
275°
B FLAT
ø A MAX
C THREAD
D THREAD
.850 MAX
(21.59)
.705
(17.91)
RED COLOR BAND
FULL MATE INDICATOR
.125 (3.18) MAX
PANEL THICKNESS
MASTER
KEYWAY
.022/.018
(0.56/0.46)
.125
(3.18)
SOLDER CUP
PC TAIL
(OPTIONAL)
REAR MOUNT JAM NUT
SHELL STYLE 07
Rev. 05-APR-2007
.125 (3.18)
± .015 (0.38)


Similar Part No. - 802-013-07ZL6-1PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-07 GLENAIR-802-013-07 Datasheet
173Kb / 1P
   Hermetic Receptacle
More results

Similar Description - 802-013-07ZL6-1PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
803-006-07Z15-3PN GLENAIR-803-006-07Z15-3PN Datasheet
295Kb / 2P
   Hermetic Receptacles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com