Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805-005-07ZL9-1SB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 805-005-07ZL9-1SB
Description  Receptacles With PCB or Solder Cup Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-005-07ZL9-1SB Datasheet(HTML) 1 Page - Glenair, Inc.

  805-005-07ZL9-1SB Datasheet HTML 1Page - Glenair, Inc. 805-005-07ZL9-1SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-10
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 805 “Mighty Mouse”
Triple-Start
Series 805 Jam Nut
PCB Receptacle Connector
HOW TO ORDER
Sample Part Number
805-005
-07
M
10-13
P
B
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
805-005
Receptacle, with
Solder Cup or
Printed Circuit
Board Contacts
-02
Square Flange
-07
Jam Nut
C
Aluminum / Black Anodize
M
Aluminum / Electroless Nickel
NF
Aluminum / Cadmium with Olive
Drab Chromate
ZN
Aluminum / Zinc-Nickel with
Olive Drab Chromate
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
Z1
Stainless Steel / Passivated
8-1
1 #16 Contact
8-4
4 #23 Contacts
8-7
7 #23 Contacts
9-1
1 #12 Contact
9-10
10 #23 Contacts
10-13 13 #23 Contacts
11-4
4 #16 Contacts
11-19 19 #23 Contacts
12-26 26 #23 Contacts
15-2
2 #12 Contacts
15-37
37 #23 Contacts
18-55 55 #23 Contacts
19-85
85 #23 Contacts
P
Pin,
PC Tail
S
Socket,
PC Tail
E
Pin,
Solder Cup
F
Socket,
Solder Cup
A
Position A
(Normal)
B
Position B
C
Position C
D
Position D
These receptacles feature a low
profile shell for minimum protrusion
inside enclosures. Contacts are non-
removable. Connectors are backfilled
with epoxy for a watertight seal.
Two Shell Styles: jam nut with o-ring
for rear panel mounting, or square
flange.
Series 805 Receptacles With PCB or Solder Cup Contacts
PCB Contacts feature gold-plated
tails for solder termination to rigid or
flexible circuits.
Solder Cup Contacts are factory-
installed and fully sealed with epoxy.
Rev. 05-APR-2007


Similar Part No. - 805-005-07ZL9-1SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-005 GLENAIR-805-005 Datasheet
149Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
More results

Similar Description - 805-005-07ZL9-1SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
242-383P GLENAIR-242-383P Datasheet
407Kb / 2P
   Plug with Solder Cup Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com