Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

801-012-03ZB6-1CB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-012-03ZB6-1CB
Description  Double-Start ACME Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-012-03ZB6-1CB Datasheet(HTML) 1 Page - Glenair, Inc.

  801-012-03ZB6-1CB Datasheet HTML 1Page - Glenair, Inc. 801-012-03ZB6-1CB Datasheet HTML 2Page - Glenair, Inc. 801-012-03ZB6-1CB Datasheet HTML 3Page - Glenair, Inc. 801-012-03ZB6-1CB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-15
E-Mail: sales@glenair.com
Series 801 Solder Mount Hermetic
Series 801 Hermetic Receptacles
feature 304L stainless steel shells,
fused vitreous glass insulators and
Alloy 52 iron alloy contacts.
1 X 10-6 cc/second maximum Helium
leak rate.
HOW TO ORDER
Sample Part Number
801-012
-03
Z1
7-10
P
A
Series
Shell Style
Shell Material /
Finish
Shell Size/Insert
Arrangement
Contact Type
Shell Key
Position
801-012
Double-Start
Hermetic
Receptacles with
Printed Circuit
Board Contacts or
Solder Cup
Contacts
-02
Square Flange
-03
Solder Mount
-07
Jam Nut
Z1
Stainless Steel /
Passivated
ZB
Stainless Steel
with Olive Drab
Cadmium Finish
5-3
3 #23
6-1
1 #16
6-4
4 #23
6-7
7 #23
7-1
1 #12
7-10
10 #23
8-13
13 #23
9-4
4 #16
9-19
19 #23
10-26
26 #23
13-2
2 #12
13-37
37 #23
16-55
55 #23
17-85
85 #23
P
Pin, Solder Cup
C
Pin, PC Tail
A
Normal
B
Pos. B
C
Pos. C
D
Pos. C
Series 801 Hermetic Receptacles
Three Shell Styles: solder mount,
jam nut or square flange.
Solder Cup Contacts or PC Tail
Contacts for attachment to flexible or
rigid circuits or rigid boards.
Rev. 05-APR-2007


Similar Part No. - 801-012-03ZB6-1CB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
More results

Similar Description - 801-012-03ZB6-1CB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-01C5-3PA GLENAIR-801-009-01C5-3PA Datasheet
322Kb / 4P
   Double-Start ACME Thread
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-007-16C5-3PA GLENAIR-801-007-16C5-3PA Datasheet
148Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com