Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR7590C-21S1BM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GMR7590C-21S1BM
Description  Right Angle Mount Micro-D Connectors Compact Flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7590C-21S1BM Datasheet(HTML) 1 Page - Glenair, Inc.

  GMR7590C-21S1BM Datasheet HTML 1Page - Glenair, Inc. GMR7590C-21S1BM Datasheet HTML 2Page - Glenair, Inc. GMR7590C-21S1BM Datasheet HTML 3Page - Glenair, Inc. GMR7590C-21S1BM Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-32
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7590C Right Angle Mount Micro-D Connectors
Compact Flange
Innovative Design for Flex Circuits – These Micro-D
connectors answer the need for a compact flex circuit
connector. Featuring .075 X .075 inch row spacing.
Glenair's GMR7590C accepts standard jackscrews and
jackposts, making it ideal for flex-to-board applications.
High Performance – Approved for British Standard
BS9000, GMR7590C connectors meet the performance
requirements of MIL-DTL-83513. Gold plated TwistPin
contacts assure best electrical and mechanical
performance.
HoW to oRDER GMR7590 RIGHt ANGLE .075" PItCH PCB CoNNECtoRS
Series
Number of
Contacts
Contact type
tail Length
In. (mm.)
Shell Plating
Finish
Hardware
Gold-Plated
terminal Mod
Code
GMR7590C
Micro-D Metal Shell,
Right Angle Mount
PCB, Compact
9
15
21
25
31
37
51
100
P
Pin
S
Socket
1 – .109" (2.76)
2 – .150" (3.81)
3 – .190" (4.83)
4 – .250" (6.35)
5 – Staggered Tail
Length
A – Cadmium
B – Nickel
C – Allochrome
D – Black Anodize
E – Gold
B
P
M
M1
S
S1
L
K
F
R
These connectors
are solder-dipped
in 63/37 tin-lead
solder.
to delete the
solder dip and
change to gold-
plated terminals,
add code 513
Sample Part Number
GMR7590C
– 31
S
2
B
S1
MICRo-D MouNtING HARDWARE
B
P
M
M1
S
S1
L
K
F
R
thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
FloatMount
For Front
Panel
Mounting
FloatMount
For Rear
Panel
Mounting


Similar Part No. - GMR7590C-21S1BM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590-15P1ANM GLENAIR-GMR7590-15P1ANM Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1ANN GLENAIR-GMR7590-15P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1ANU GLENAIR-GMR7590-15P1ANU Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1BNM GLENAIR-GMR7590-15P1BNM Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1BNN GLENAIR-GMR7590-15P1BNN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
More results

Similar Description - GMR7590C-21S1BM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590-9P1ANN GLENAIR-GMR7590-9P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
MWDM1L-9P-SMRN GLENAIR-MWDM1L-9P-SMRN Datasheet
461Kb / 4P
   MWDM Surface Mount Right Angle Micro-D Connectors
GRPM GLENAIR-GRPM Datasheet
314Kb / 2P
   Micro-D GRPM-CBR Right Angle Rear Panel Mount Wide Flange Printed Circuit Board Connectors
Rev. 3.16.20
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
GMR7580C-9P1AB GLENAIR-GMR7580C-9P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-9P1ANN GLENAIR-GMR7580-9P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
logo
Linx Technologies
CONSMA019-G LINX-CONSMA019-G Datasheet
168Kb / 2P
   SMA FEMALE RIGHT ANGLE FLANGE MOUNT, EXTENDED
22-JAN-20
logo
Glenair, Inc.
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
logo
Molex Electronics Ltd.
0836119001 MOLEX9-0836119001 Datasheet
87Kb / 3P
   Commerical Micro D, PCB Mount, Right Angle Plug, 9 Circuits
logo
Fairchild Semiconductor
QTLP611CEBTR FAIRCHILD-QTLP611CEBTR Datasheet
479Kb / 6P
   Surface Mount LED Lamp, Compact Right Angle
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com