Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM2L-9SCBSNU Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM2L-9SCBSNU
Description  Micro-D Printed Circuit Board Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9SCBSNU Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM2L-9SCBSNU Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9SCBSNU Datasheet HTML 2Page - Glenair, Inc. MWDM2L-9SCBSNU Datasheet HTML 3Page - Glenair, Inc. MWDM2L-9SCBSNU Datasheet HTML 4Page - Glenair, Inc. MWDM2L-9SCBSNU Datasheet HTML 5Page - Glenair, Inc. MWDM2L-9SCBSNU Datasheet HTML 6Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-14
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Printed Circuit Board Connectors
Condensed Board Straight CBS .075 Inch Spacing
HoW to oRDER CBS CoNDENSED BoARD StRAIGHt CoNNECtoRS
Series
Shell Material
and Plating
Finish
Insulator
Material
Number
of
Contacts
Contact
type
termination
Style
Hardware option
PC tail
Length
Gold-Plated
terminal
Mod Code
MWDM
Micro-D
Metal Shell
Aluminum Shell
1 Cadmium
2 Nickel
4 BlackAnodize
5 Gold
6 Chem Film
Stainless Steel Shell
3 Passivated
L
LCP
(Liquid
Crystal
Polymer)
9
15
21
25
31
37
51
100
P
Pin
S
Socket
CBS
Condensed
Board
Straight
NN –No Jackpost, No
Threaded Insert
PN –Extended Jackpost for
.062" (1.6) PCB, No
Threaded Insert
RN –Extended Jackpost for
.196" (5.0) PCB, No
Threaded Insert
Nu –Threaded Insert Only,
No Jackposts
Pu –Short Jackpost and
Threaded Insert
Rear Panel Jackposts
With Threaded Inserts
R6u – 0.125" (3.2) Panel
R5u – 0.094" (2.4) Panel
R4u – 0.062" (1.6) Panel
R3u – 0.047" (1.2) Panel
R2u – 0.031" (0.8) Panel
Jackscrew options
M – Hex Head Jackscrews
S – Slot Head Jackscrews
.080
.110
.140
.172
.190
.250
Length
in
Inches
± .015
(0.38)
These
connectors are
solder-dipped
in 63/37 tin-
lead solder.
to delete the
solder dip
and change
to gold-plated
terminals,
add code 513
Sample Part Number
MWDM
1
L –
31
P
CBS
NN
.110
Save Space On Your Circuit Board–These Micro-D
connectors feature .075 inch row spacing. The board
footprint is reduced to match the size of the connector body.
Designed for Flex Circuits–CBS COTS connectors are
available with jackscrews for flex circuit compatibility.
Solder-Dipped–Terminals are coated with SN63/Pb37 tin-
lead solder for best solderability. Optional gold-plated
terminals are available for RoHS compliance.
High Performance–These connectors meet the
demanding requirements of MIL-DTL-83513. Suitable
for Level 1 NASA reliability.


Similar Part No. - MWDM2L-9SCBSNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-9SCBRP GLENAIR-MWDM2L-9SCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9SCBRR1 GLENAIR-MWDM2L-9SCBRR1 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9SCBRR2 GLENAIR-MWDM2L-9SCBRR2 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9SCBRR3 GLENAIR-MWDM2L-9SCBRR3 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
More results

Similar Description - MWDM2L-9SCBSNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-044SD-15MEN GLENAIR-790-044SD-15MEN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-029SK-43MENA GLENAIR-790-029SK-43MENA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com