Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4AGSW2 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW2
Description  SPDT AlGaAs PIN Diode Switch RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW2 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT AlGaAs PIN Diode Switch
RoHS Compliant
Rev. V4
MA4AGSW2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
FEATURES
Ultra Broad Bandwidth: 50 MHz to 50 GHz
Functional Bandwidth : 50 MHz to 70 GHz
0.7 dB Insertion Loss,
33 dB Isolation at 50 GHz
Low Current consumption.
-10mA for low loss state
+10mA for Isolation state
M/A-COM’s unique AlGaAs hetero-junction
anode technology.
Silicon Nitride Passivation
Polymer Scratch protection
DESCRIPTION
M/A-COM’s MA4AGSW2 is an Aluminum-Gallium-
Arsenide, single pole, double throw (SPDT), PIN diode
switch. The switch features enhanced AlGaAs anodes
which are formed using M/A-COM’s patented hetero-
junction technology. AlGaAs technology produces a
switch with less loss than a device fabricated using
conventional GaAs processes. As much as a 0.3 dB
reduction in insertion loss can be realized at 50 GHz.
This device is fabricated on an OMCVD epitaxial wafer
using a process designed for high device uniformity
and extremely low parasitics. The diodes within the
chip exhibit low series resistance, low capacitance,
and fast switching speed. They are fully passivated
with silicon nitride and have an additional polymer
layer for scratch protection. The protective coating
prevents damage during handling and assembly to the
diode junction and the chip anode air-bridges. Off chip
bias circuitry is required.
APPLICATIONS
The high electron mobility of AlGaAs and the low
capacitance of the PIN diodes used makes this switch
ideal for fast response, high frequency, multi-throw
switch designs. AlGaAs PIN diode switches are an
ideal choice for switching arrays in radar systems,
radiometers, test equipment and other multi-assembly
components.
Yellow areas indicate bond pads
Absolute Maximum Ratings @ TAMB = +25°C
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+23dBm C.W.
Breakdown Voltage
25V
Bias Current
± 25mA
Assembly Temperature
+300°C < 10 sec
Junction Temperature
+175°C
Maximum combined operating conditions for RF Power, D.C.
bias, and temperature: +23 dBm C.W. @ 10 mA (per diode) @
+85°C.


Similar Part No. - MA4AGSW2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW2 MACOM-MA4AGSW2 Datasheet
233Kb / 6P
   AlGaAs SP2T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
   SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
   SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
   SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
   SP5T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
   SP3T AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com