Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-008-AA4NF5-3 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 803-008-AA4NF5-3
Description  Cordsets For Harsh Environments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-008-AA4NF5-3 Datasheet(HTML) 2 Page - Glenair, Inc.

  803-008-AA4NF5-3 Datasheet HTML 1Page - Glenair, Inc. 803-008-AA4NF5-3 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
F
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-14
E-Mail: sales@glenair.com
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
LENGTH
+ 2.0/-0.0 (+50.8/ -0.0)
12 IN. (300 mm.) MIN.
A MAX.
B MAX.
SERIES 803 RECEPTACLE
OPTIONAL
PROTECTIVE COVER
WITH POLYURETHANE
WIRE ROPE
POLYAMIDE
OVERMOLDED STRAIN
RELIEF
SHIELDED JACKETED
CABLE
RIGHT ANGLE CORDSETS
DIMENSIONS
Shell
Size
A Max.
B Max.
C Max.
D Max.
E Max.
In. mm. In. mm. In. mm. In. mm. In. mm.
5
2.000 50.80
.490 12.45 1.500 38.10 .490 12.45 1.650 41.91
6
2.500 63.50
.560 14.22 1.500 38.10 .560 14.22 1.650 41.91
7
2.500 63.50
.680 17.27 1.700 43.18 .680 17.27 1.700 43.18
8
2.500 63.50
.740 18.80 1.750 44.45 .740 18.80 1.750 44.45
9
2.500 63.50
.810 20.57 1.750 44.45 .810 20.57 1.750 44.45
10
2.750 69.85
.870 22.10 1.750 44.45 .870 22.10 1.750 44.45
12
3.000 76.20
.930 23.62 1.750 44.45 .930 23.62 1.750 44.45
14
3.500 88.90 1.120 28.45 1.750 44.50 1.120 28.45 1.750 44.45
15
3.750 95.25 1.180 29.97 2.000 50.80 1.180 29.97 2.000 50.80
How To Order Right Angle Cordsets
Insert the letter “R” after the End A or End B
Connector letter designator.
Example
Straight cable 803-008-AC4M6-4PN-72
Right Angle
803-008-ARCR4M6-4PN-72
HARSH ENVIRONMENT CORDSET SPECIFICATIONS
Cable Jacket Material
Thermoplastic Polyurethane, Black, UL 94 V-0 Rated
Cable Shield
Tin-Coated Copper Braid, 90% Minimum Coverage
Conductors
Silver Coated Stranded Wire, TFE Insulated, Per M22759/11
BAND-IT® Shield Termination Band
Stainless Steel
Current Rating
Up to 5 AMP Continuous Duty With #22 AWG Wire
Test Voltage (Dielectric Withstanding Voltage)
500 VAC RMS sea level, 100 VAC RMS 70,000 feet
Insulation Resistance
200 megohms minimum
Operating Temperature
-30° C. to +105° C.
Water Resistance
Splashproof
Solvent Resistance, Polyamide Overmold
Excellent Resistance to Most Solvents, Fuels, and Oils; Poor Resistance to
Strong Acids and Bipolar Solvents (Alcohol)
Shielding Effectiveness
40 dB minimum from 100MHz to 1000MHz.
Flammability and Toxicity (LSZH Jacket)
Toxicity Index 3.9 per NES 713
Oxygen Index 28% per ASTM D-2863
Smoke Index 24 per NES 711
MASTER
KEY
LOCATED 180°
FROM CABLE EXIT
LENGTH + 2.0/-0.0 (+50.8/ -0.0)
12 IN. (300 mm.) MIN.
C MAX.
E
MAX.
D
MAX.
Rev. 05-APR-2007


Similar Part No. - 803-008-AA4NF5-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-001 GLENAIR-803-001 Datasheet
217Kb / 1P
   Series 803 Mighty Mouse 1/4 Turn Bayonet
803-001-06 GLENAIR-803-001-06 Datasheet
178Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-001-06C5-3PN GLENAIR-803-001-06C5-3PN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
803-001-06C5-3SN GLENAIR-803-001-06C5-3SN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
803-001-06C6-1PN GLENAIR-803-001-06C6-1PN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
More results

Similar Description - 803-008-AA4NF5-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
   Cordsets For Harsh Environments
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
   Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
   Cordsets For Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
   Stability for harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
   CMOS VCXO for Harsh Environments
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
   Analog PE Smoke Sensor for Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com