Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-003-01NF5-3SN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 803-003-01NF5-3SN
Description  Bayonet Crimp Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-003-01NF5-3SN Datasheet(HTML) 1 Page - Glenair, Inc.

  803-003-01NF5-3SN Datasheet HTML 1Page - Glenair, Inc. 803-003-01NF5-3SN Datasheet HTML 2Page - Glenair, Inc. 803-003-01NF5-3SN Datasheet HTML 3Page - Glenair, Inc. 803-003-01NF5-3SN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-5
E-Mail: sales@glenair.com
A
B
F
D
E
F
G
H
J
K
L
M
N
P
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
Three Shell Mounting Options:
Jam nut with o-ring for rear panel
mounting, elliptical flange for front
or rear panel mounting, or in-line
receptacles for free-hanging cables.
HOW TO ORDER
Sample Part Number
803-003
-07
NF
6–7
S
N
Series
Shell Style
Shell Material /
Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
803-003
Receptacle with
Banding Platform
for Direct
Attachment of
Cable Shield and
Overmold
803-004
Receptacle with
Rear Accessory
Thread
-07
Jam Nut
-02
Flange Mount
-01
In-Line
C
Aluminum / Black
Anodize
M
Aluminum / Electroless
Nickel
NF
Aluminum / Cadmium
with Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive Drab
Chromate
ZNU
Aluminum / Zinc-Nickel
with Black Chromate
Z1
Stainless Steel /
Passivated
5-3
3 #23 Contacts
6-1
1 #16 Contact
6-4
4 #23 Contacts
6-7
7 #23 Contacts
7-1
1 #12 Contact
7-10
10 #23 Contacts
8-13
13 #23 Contacts
9-4
4 #16 Contacts
9-19
19 #23 Contacts
10-26 26 #23 Contacts
12-2
2 #12 Contacts
12-37 37 #23 Contacts
14-55 55 #23 Contacts
15-85 85 #23 Contacts
#23 contacts are packaged
with connectors. #16 and #12
contacts must be ordered
separately.
Standard #23 contacts
accept #22 through
#28 AWG wire. Use the
following contact codes
to specify these contacts:
P
Pin
S
Socket
Special contacts for
#26 to #30 AWG are
also available. Use the
following contact codes
to specify these contacts:
G
Pin
H
Socket
N
Normal
Alternate
Key
Positions:
X
Y
Z
Series 803 Bayonet Crimp Receptacles
Two Shell Styles: Choose the integral
band platform for direct attachment
of a cable shield. Install a heat-shrink
boot, or overmold directly onto the
band platform. An accessory thread is
available for attaching strain reliefs and
backshells.
Push-To-Mate, ¼ Turn to Lock.
These quick-mating connectors feature
bayonet pins on the receptacle. Simply
push the connectors together, then
rotate the plug coupling nut 90° to lock
the connectors together.
Rev. 05-APR-2007
To-Mate ¼ Turn to Lock
Options:


Similar Part No. - 803-003-01NF5-3SN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-003 GLENAIR-803-003 Datasheet
401Kb / 1P
   1/4 Turn Bayonet Receptacle
More results

Similar Description - 803-003-01NF5-3SN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-9000 MOLEX11-63823-9000 Datasheet
39Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239000 MOLEX-ATS-638239000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
63823-9000 MOLEX-63823-9000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
0638239900 MOLEX-0638239900 Datasheet
34Kb / 2P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/25/2022
0638239000 MOLEX-0638239000 Datasheet
32Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/26/2022
63823-9900 MOLEX11-63823-9900 Datasheet
40Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239900 MOLEX-ATS-638239900 Datasheet
702Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
02-11-11
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
   SLEEVE, BAYONET, BNC
logo
TT Electronics.
DS3012 TTELEC-DS3012 Datasheet
287Kb / 1P
   Adjustable Bayonet Thermocouple
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com