Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM4L-9S-6C4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM4L-9S-6C4
Description  Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM4L-9S-6C4 Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM4L-9S-6C4 Datasheet HTML 1Page - Glenair, Inc. MWDM4L-9S-6C4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
B-12
E-Mail: sales@glenair.com
HOW TO ORDER METAL SHELL PIGTAILS, UNINSULATED WIRE MICRO-D CONNECTORS
Series
Shell Material
and Finish
Insulator
Material
Contact
Layout
Contact
Type
Wire Gage
(AWG)
Wire Type
Wire Finish
Wire
Length
Inches
Hardware
MWDM
Aluminum Shell
1 – Cadmium
2 – Nickel
4 – Black
Anodize
5 – Gold
6 – Chem Film
Stainless Steel
Shell
3
Passivated
L – LCP
30%
Glass-
Filled
Liquid
Crystal
Polymer
9
15
21
25
31
37
51
51-2
67
69
100
P – Pin
S – Socket
4 – #24 (.020")
5 – #25 (.018")
6 – #26 (.016")
C – Single
Strand
Copper
3 – Solder-Dipped
4 – Gold
.125
.250
.375
.500
.750
1.000
2.000
Wire Length
In Inches.
“.500”
Specifies
Half Inch.
B
P
M
M1
S
S1
L
K
F
R
Sample Part Number
MWDM
2
L –
37
P –
5
C
4 –
.250
M
Micro-D Metal Shell
MWDM Uninsulated Wire Pigtails
Micro-D Uninsulated Pigtails–These connectors feature
gold-plated TwistPin contacts and mil spec crimp
termination to gold-plated single strand copper wire.
Suitable for soldering or splicing applications, the wire
leads can be ordered either gold-plated or solder-dipped.
New One-Piece Socket Contact–An “integral tail” socket
contact is now standard on all socket connectors ordered
with up to one inch of wire. This phos bronze contact
eliminates the crimp joint and offers greater rigidity.
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
L
K
F
R
Thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
Float Mount
For Front
Panel
Mounting
Float Mount
For Rear
Panel
Mounting


Similar Part No. - MWDM4L-9S-6C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM4L-9S-6J GLENAIR-MWDM4L-9S-6J Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDM4L-9S-6K GLENAIR-MWDM4L-9S-6K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
More results

Similar Description - MWDM4L-9S-6C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL-9P-4C3 GLENAIR-MWDL-9P-4C3 Datasheet
358Kb / 2P
   Micro-D Plastic Shell Uninsulated Wire Pigtails
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDM1L-GP-4K GLENAIR-MWDM1L-GP-4K Datasheet
407Kb / 2P
   Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
MLDM1L-37S-6C4-.250B GLENAIR-MLDM1L-37S-6C4-.250B Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-21P-4K5-18M GLENAIR-MLDM1L-21P-4K5-18M Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L9P-8K7-18M GLENAIR-MLDM1L9P-8K7-18M Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com