Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-003-07NF6-4PN Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 803-003-07NF6-4PN
Description  Bayonet Crimp Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-003-07NF6-4PN Datasheet(HTML) 4 Page - Glenair, Inc.

  803-003-07NF6-4PN Datasheet HTML 1Page - Glenair, Inc. 803-003-07NF6-4PN Datasheet HTML 2Page - Glenair, Inc. 803-003-07NF6-4PN Datasheet HTML 3Page - Glenair, Inc. 803-003-07NF6-4PN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
B
F
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-8
E-Mail: sales@glenair.com
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
Integral Band Platform
803-004
Accessory Thread
803-004
Series 803 In-Line Crimp Receptacle Dimensions
DIMENSIONS
Shell
Size
A Max.
Ø B
C Thread
Ø D
In.
mm.
In.
mm.
In.
mm.
5
.402
10.21
.300
7.62
.2500-32 UNEF-2A
.230
5.84
6
.465
11.81
.362
9.19
.3125-32 UNEF-2A
.286
7.26
7
.500
12.70
.436
11.07
.4375-28 UNEF-2A
.390
9.91
8
.570
14.48
.508
12.90
.5625-24 UNEF-2A
.440
11.18
9
.652
16.56
.561
14.25
.5625-24 UNEF-2A
.500
12.70
10
.715
18.15
.635
16.13
.6250-28 UNEF-2A
.562
14.27
12
.805
20.45
.714
18.14
.6875-24 UNEF-2A
.650
16.51
14
.915
23.24
.865
21.97
.9375-20 UNEF-2A
.805
20.45
15
.975
24.77
.925
23.50
.9375-20 UNEF-2A
.850
21.59
MASTER
KEYWAY
Ø A
Ø B
.910 (23.11) MAX
C THREAD
Ø B
Ø D
.910 (23.11) MAX
ALTERNATE KEY POSITIONS
Pos.
N
150°
210°
X
75°
210°
Y
95°
230°
Z
140°
275°
Rev. 05-APR-2007


Similar Part No. - 803-003-07NF6-4PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-003 GLENAIR-803-003 Datasheet
401Kb / 1P
   1/4 Turn Bayonet Receptacle
More results

Similar Description - 803-003-07NF6-4PN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-9000 MOLEX11-63823-9000 Datasheet
39Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239000 MOLEX-ATS-638239000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
63823-9000 MOLEX-63823-9000 Datasheet
732Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
03-07-11
0638239900 MOLEX-0638239900 Datasheet
34Kb / 2P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/25/2022
0638239000 MOLEX-0638239000 Datasheet
32Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
08/26/2022
63823-9900 MOLEX11-63823-9900 Datasheet
40Kb / 1P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
ATS-638239900 MOLEX-ATS-638239900 Datasheet
702Kb / 7P
   Hand Crimp Tool For SATA Power Cable Crimp Receptacles
02-11-11
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
   SLEEVE, BAYONET, BNC
logo
TT Electronics.
DS3012 TTELEC-DS3012 Datasheet
287Kb / 1P
   Adjustable Bayonet Thermocouple
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com