Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-001-06NF67-PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 804-001-06NF67-PA
Description  Plug Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-001-06NF67-PA Datasheet(HTML) 1 Page - Glenair, Inc.

  804-001-06NF67-PA Datasheet HTML 1Page - Glenair, Inc. 804-001-06NF67-PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-4
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Quick Disconnect These plugs snap
securely into receptacle housings
and release with a simple pull.
Two Keying Styles: A single master
key provides fast mating in low-light
situations, or specify three keys for
more polarizing options.
HOW TO ORDER
Sample Part Number
804-001
-06
M
9-19
S
Series
Shell Style
Shell Material /
Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
804-001
Plug with Banding
Platform
804-002
Plug with
Accessory
Thread
-06
Plug
C
Aluminum / Black
Anodize
M
Aluminum /
Electroless Nickel
NF
Aluminum / Cadmium
with Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive Drab
Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
Z1
Stainless Steel /
Passivated
5-3
3 #23 Contacts
6-1
1 #16 Contact
6-4
4 #23 Contacts
6-7
7 #23 Contacts
7-1
1 #12 Contact
7-10
10 #23 Contacts
8-13
13 #23 Contacts
9-4
4 #16 Contacts
9-19
19 #23 Contacts
10-26
26 #23 Contacts
12-2
2 #12 Contacts
12-37
37 #23 Contacts
14-55
55 #23 Contacts
15-85
85 #23 Contacts
#23 contacts are packaged
with connectors. #16 and #12
contacts must be ordered
separately.
Standard #23 contacts accept
#22 through #28 AWG wire. Use
the following contact codes to
specify these contacts:
P
Pin
S
Socket
Special contacts for #26 to #30
AWG are also available. Use
the following contact codes to
specify these contacts:
G
Pin
H
Socket
Omit
for Single
Master Key
A
Pos. A
(Normal)
B
Pos. B
C
Pos. C
D
Pos. D
Series 804 Plug Connector
Series 804 Plug Connectors
Two Shell Styles: Integral platform
for direct shield attachment using
the BAND-IT® termination system, or
an accessory thread for attaching a
strain relief.
Rev. 05-APR-2007


Similar Part No. - 804-001-06NF67-PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-001-06 GLENAIR-804-001-06 Datasheet
190Kb / 1P
   Push-Pull Mighty Mouse
More results

Similar Description - 804-001-06NF67-PA

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOL-0804-G05M SICK-DOL-0804-G05M Datasheet
238Kb / 4P
   Plug connectors
DOL-1203-W15MC SICK-DOL-1203-W15MC Datasheet
270Kb / 4P
   Plug connectors
DSL-1208-G02MC SICK-DSL-1208-G02MC Datasheet
263Kb / 4P
   Plug connectors
DSL-8204-B02MC SICK-DSL-8204-B02MC Datasheet
248Kb / 4P
   Plug connectors
DOL-1204-W10M SICK-DOL-1204-W10M Datasheet
272Kb / 4P
   Plug connectors
DSL-0803-G2M5C SICK-DSL-0803-G2M5C Datasheet
221Kb / 4P
   Plug connectors
DSL-1208-G10MC SICK-DSL-1208-G10MC Datasheet
263Kb / 4P
   Plug connectors
DOL-1204-G05MAC SICK-DOL-1204-G05MAC Datasheet
223Kb / 4P
   Plug connectors
DSL-1203-G02M SICK-DSL-1203-G02M Datasheet
217Kb / 4P
   Plug connectors
DSL-8204-B0M6C SICK-DSL-8204-B0M6C Datasheet
248Kb / 4P
   Plug connectors
DSL-1204-G05MC SICK-DSL-1204-G05MC Datasheet
267Kb / 4P
   Plug connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com