Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR7590-25P1CNU Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GMR7590-25P1CNU
Description  Right Angle Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7590-25P1CNU Datasheet(HTML) 1 Page - Glenair, Inc.

  GMR7590-25P1CNU Datasheet HTML 1Page - Glenair, Inc. GMR7590-25P1CNU Datasheet HTML 2Page - Glenair, Inc. GMR7590-25P1CNU Datasheet HTML 3Page - Glenair, Inc. GMR7590-25P1CNU Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-28
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7590 Right Angle Micro-D Connectors
Save Space On Your Circuit Board – These Micro-D
connectors feature .075 X .075 inch terminal spacing.
Glenair's GMR7590 offers size and weight savings
compared to traditional .100" pitch connectors.
High Performance – Approved for British Standard
BS9000, GMR7590 connectors meet the
performance requirements of MIL-DTL-83513. Gold
plated TwistPin contacts assure best electrical and
mechanical performance.
GMR7590 JACkpost optIoNs
NN
NU, NM
sN
sU, sM
tU,VU,WU,XU,YU
tM,VM,WM,XM,YM
No Jackpost,
No Threaded Insert In
PCB Mtng Hole
No Jackpost,
Threaded Insert In PCB
Mounting Hole
Jackpost Installed, No
Threaded Insert in PCB
Mounting Hole
Jackpost With Threaded
Insert
Jackpost for Rear Panel
Mounting
HoW to oRDER GMR7590 RIGHt ANGLE .075" pItCH CoNNECtoRs
series
Number
of
Contacts
Contact
type
tail Length
In. (mm.)
shell plating
Finish
Hardware option
Gold-plated
terminal Mod
Code
GMR7590
Micro-D Metal
Shell,
Right Angle
Mount PCB
9
15
21
25
31
37
51
100
P
Pin
s
Socket
1 – .109" (2.76)
2 – .150" (3.81)
3 – .190" (4.83)
4 – .250" (6.35)
5 – Staggered
Tail Length
Length in Inches
± .015
(0.38)
A – Cadmium
B – Nickel
C – Allochrome
D – Black
Anodize
E – Gold
NN – No Jackpost, No Threaded Insert
NU –UN Threaded Insert Only, No Jackposts
NM –Metric Threaded Insert Only, No Jackposts
sU –Short Jackpost and UN Threaded Insert
sM –Short Jackpost and Metric Threaded Insert
Rear panel Mount Jackposts and threaded
Inserts
UN Threads Metric Threads Panel Thickness
tU
tM
.094" (2.4)
VU
VM
.062" (1.6)
WU
WM
.047" (1.2)
XU
XM
.031" (0.8)
YU
YM
.023" (0.6)
These
connectors are
solder-dipped in
63/37 tin-lead
solder.
to delete the
solder dip
and change
to gold-plated
terminals, add
code 513
SAMPLE PART NUMBER
GMR7590
– 31
s
2
B
sU


Similar Part No. - GMR7590-25P1CNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590C-15P1AB GLENAIR-GMR7590C-15P1AB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1AM GLENAIR-GMR7590C-15P1AM Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1AP GLENAIR-GMR7590C-15P1AP Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1BB GLENAIR-GMR7590C-15P1BB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1BM GLENAIR-GMR7590C-15P1BM Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
More results

Similar Description - GMR7590-25P1CNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590C-9P1AB GLENAIR-GMR7590C-9P1AB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
MWDM1L-9P-SMRN GLENAIR-MWDM1L-9P-SMRN Datasheet
461Kb / 4P
   MWDM Surface Mount Right Angle Micro-D Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com