Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

801-009-07C5-3SA Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 801-009-07C5-3SA
Description  Double-Start ACME Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-009-07C5-3SA Datasheet(HTML) 4 Page - Glenair, Inc.

  801-009-07C5-3SA Datasheet HTML 1Page - Glenair, Inc. 801-009-07C5-3SA Datasheet HTML 2Page - Glenair, Inc. 801-009-07C5-3SA Datasheet HTML 3Page - Glenair, Inc. 801-009-07C5-3SA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-9
E-Mail: sales@glenair.com
Integral Band Platform
801-009-01
Accessory Thread
801-010-01
Series 801 In-Line Crimp Receptacles
MASTER
KEYWAY
ø A
17
17
7
4
19
19
1
3
12
12
8
16
16
13
13
B FLAT
RED FULL MATE
INDICATOR STRIPE
C THREAD
.060 (1.5)
ø D
.900 (22.9)
MAX
.430 (10.9)
MAX
E THREAD
DIMENSIONS
Shell
Size
Ø A
B Flat
C
Thread
Ø D
E Thread
UNEF-2A
In.
mm.
In.
mm.
In.
mm.
5
.355
9.02
.325
8.13
.3125-.05P-.1L-2A
.245
6.22
.250-32
6
.415
10.54
.385
9.78
.375-.05P-.1L-2A
.290
7.37
.3125-32
7
.480
12.19
.445
11.30
.4375-.05P-1L2A
.390
9.91
.4375-28
8
.540
13.72
.510
12.95
.5000-.05P-1L2A
.445
11.30
.5000-28
9
.605
15.37
.575
14.61
.5625-.05P-.1L-2A
.500
12.70
.5625-24
10
.665
16.89
.635
16.13
.6250-.05P-1L2A
.560
14.22
.6250-24
13
.855
21.72
.825
20.96
.8125-.1P-.2L-2a
.650
16.51
.6875-24
16
1.040
26.42
1.010
25.65
1.000-.1P-.2L-2A
.805
20.44
.9375-20
17
1.110
28.19
1.070
27.18
1.062-.1P-.2L-2A
.850
21.59
.9375-20
KEY
POSITIONS
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 05-APR-2007


Similar Part No. - 801-009-07C5-3SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-07 GLENAIR-801-009-07 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Threads
More results

Similar Description - 801-009-07C5-3SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-012-02Z15-3PA GLENAIR-801-012-02Z15-3PA Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-007-16C5-3PA GLENAIR-801-007-16C5-3PA Datasheet
148Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com