Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-008-DB2M5-3 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 803-008-DB2M5-3
Description  Cordsets For Harsh Environments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-008-DB2M5-3 Datasheet(HTML) 1 Page - Glenair, Inc.

  803-008-DB2M5-3 Datasheet HTML 1Page - Glenair, Inc. 803-008-DB2M5-3 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-13
E-Mail: sales@glenair.com
A
B
F
D
E
F
G
H
J
K
L
M
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
Series 803 Overmolded
ASAP Cordset
Series 803 ASAP Cordsets For Harsh Environments
Glenair’s ASAP “Mighty Mouse”
Overmolded Cordsets offer
splashproof protection and excellent
cold temperature flexibility. These
cables are 100% tested and ready
to use.Standard overmolded
cables feature polyurethane
jackets.
Two Jacket Types – Extruded
Estane polyurethane jacket
resists abrasion and chemicals. Or
choose low smoke/ zero halogen
polyurethane jackets for compliance
with toxicity regulations.
Shielded – These cables feature
90% coverage tinned copper braid.
Cable shields terminate directly
to connectors with stainless steel
BAND-IT® straps.
Simplified Ordering, No Minimums
ASAP cordsets are made-to-order
from stocked connectors and cable.
Choose #22 or #24 AWG cable with
standard Estane jacket for best
availability.
HOW TO ORDER
Sample Part Number
803-008
-A
C
4
M
7-10
P
N
-72
Series
End A
Connector
End B
Connector
Wire
Size
Shell Material /
Finish
Insert Arr.
Protective
Cover
Shell
Key Pos.
Length
803-008
Overmolded
Cordset,
Shielded, with
Polyurethane
Cable Jacket
803-009
Overmolded
Cordset,
Shielded,
with Low
Smoke/ Zero
Halogen
Polyurethane
Jacket
-A
Plug, with
Male Pin
Contacts
-B
Plug, with
Female
Socket
Contacts
-C
Receptacle,
with
Male Pin
Contacts
-D
Receptacle,
with Female
Socket
Contacts
A
Plug, with
Male Pin
Contacts
B
Plug, with
Female
Socket
Contacts
C
Receptacle,
with
Male Pin
Contacts
D
Receptacle,
with Female
Socket
Contacts
N
No
Connector
(Single-
Ended)
2
#22 AWG
(Std.)
4
#24 AWG
(Std.)
6
#26 AWG
8
#28 AWG
M
Aluminum /
Electroless
Nickel
NF
Aluminum /
Cadmium with
Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive
Drab Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
Z1
Stainless Steel /
Passivated
5-3
3 #23
6-1
1 #16
6-4
4 #23
6-7
7 #23
7-1
1 #12
7-10
10 #23
8-13
13 #23
9-4
4 #16
9-19
19 #23
10-26
26 #23
12-2
2 #12
12-37
37 #23
14-55
55 #23
15-85
85 #23
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
Overall
Length In
Inches
12 Inch
Min.
Rev. 05-APR-2007


Similar Part No. - 803-008-DB2M5-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-001 GLENAIR-803-001 Datasheet
217Kb / 1P
   Series 803 Mighty Mouse 1/4 Turn Bayonet
803-001-06 GLENAIR-803-001-06 Datasheet
178Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
803-001-06C5-3PN GLENAIR-803-001-06C5-3PN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
803-001-06C5-3SN GLENAIR-803-001-06C5-3SN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
803-001-06C6-1PN GLENAIR-803-001-06C6-1PN Datasheet
163Kb / 2P
   Bayonet Cable Plugs
More results

Similar Description - 803-008-DB2M5-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
   Cordsets For Harsh Environments
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
   Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
   Cordsets For Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
   Stability for harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
   CMOS VCXO for Harsh Environments
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
   Analog PE Smoke Sensor for Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com