Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM2L-9S-SMRR1 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDM2L-9S-SMRR1
Description  MWDM Surface Mount Right Angle Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9S-SMRR1 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDM2L-9S-SMRR1 Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9S-SMRR1 Datasheet HTML 2Page - Glenair, Inc. MWDM2L-9S-SMRR1 Datasheet HTML 3Page - Glenair, Inc. MWDM2L-9S-SMRR1 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-37
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
MWDM Surface Mount Right Angle Micro-D Connectors
SuRFACE MouNt MICRo-D HARDWARE oPtIoNS
N
P
R1 thru R5
thru-Hole
No jackpost supplied
Standard Jackpost
Factory installed with nut and lockwasher
Jackpost for Rear Panel Mounting
Shipped loosely installed. Install with permanent
threadlocking compund.
M
t
t
Jackscrew, Hex Drive
Attached with e-ring
threaded Insert
#2-56 Thread
Board Mount threaded Insert
MAtERIALS AND FINISHES
Connector Shell Aluminum Alloy 6061.See Ordering Info for
Plating Options
Insulators
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
1 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - MWDM2L-9S-SMRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-9S-S GLENAIR-MWDM2L-9S-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
More results

Similar Description - MWDM2L-9S-SMRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
GMR7590C-9P1AB GLENAIR-GMR7590C-9P1AB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590-9P1ANN GLENAIR-GMR7590-9P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
GMR7580C-9P1AB GLENAIR-GMR7580C-9P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-9P1ANN GLENAIR-GMR7580-9P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com