Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM2L-9SCBRR1 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # MWDM2L-9SCBRR1
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9SCBRR1 Datasheet(HTML) 4 Page - Glenair, Inc.

  MWDM2L-9SCBRR1 Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9SCBRR1 Datasheet HTML 2Page - Glenair, Inc. MWDM2L-9SCBRR1 Datasheet HTML 3Page - Glenair, Inc. MWDM2L-9SCBRR1 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-5
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Metal Shell Printed Circuit Board Connectors
CBR Style Right Angle thru-Hole
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
.565 (14.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)TYP
.100 (2.54)
.050 (1.27)TYP
CL
.250 (6.35)
FRONT OF
CONNECTOR
FLANGE
5
98376
42
1
.715 (18.16)
.250 (6.35)
.020 (0.51)
.108 (2.74)
.100 (2.54)
CL
.050 (1.27)TYP
FRONT OF
CONNECTOR
FLANGE
.100 (2.54)
83
2
612
14
13
11
10
9
1
15
75
4
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
CL
FRONT OF
CONNECTOR
FLANGE
.865 (21.97)
.250 (6.35)
.020 (0.51)
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
20
21
14
17
8
9
2
4
5
CL
FRONT OF
CONNECTOR
FLANGE
.965 (24.51)
.250 (6.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
14
17
8
9
2
4
5
FRONT OF
CONNECTOR
FLANGE
CL
1.265 (32.13)
.250 (6.35)
.020 (0.51)
.183
(4.65)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
34
35
14
17
8
9
2
4
5
FRONT OF
CONNECTOR
FLANGE
CL
1.115 (28.32)
.250 (6.35)
.020 (0.51)
.158 (4.01)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
14
17
8
92
4
5
FRONT OF
CONNECTOR
FLANGE
CL
1.215 (30.86)
.300 (7.62)
.050
(1.27)
.108
(2.74)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
TYP
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
2
4
5
CL
.400 (10.16)
FRONT OF CONNECTOR FLANGE
.100 (2.54) TYP
.275 (6.99)
.100 (2.54)
.050 (1.27)TYP
.025 (0.64)
1.800 (45.72)
.275 (6.99)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
2
4
5
MICRo-D CBR BoARD MouNt CoNNECtoR PCB LAYoutS – SoCkEt CoNNECtoRS
9 SoCkEt MWDM-9SCBR
15 SoCkEt MWDM-15SCBR
21 SoCkEt MWDM-21SCBR
25 SoCkEt MWDM-25SCBR
31 SoCkEt MWDM-31SCBR
37 SoCkEt MWDM-37SCBR
51 SoCkEt MWDM-51SCBR
100 SoCkEt MWDM-100SCBR


Similar Part No. - MWDM2L-9SCBRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-9SCBSNN GLENAIR-MWDM2L-9SCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM2L-9SCBSNU GLENAIR-MWDM2L-9SCBSNU Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM2L-9SCBSPN GLENAIR-MWDM2L-9SCBSPN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM2L-9SCBSRN GLENAIR-MWDM2L-9SCBSRN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
More results

Similar Description - MWDM2L-9SCBRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com