Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0176 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0176
Description  GaAs SPDT Switch 0.05 - 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0176 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
0.05 - 3 GHz
Rev. V1
MASWSS0176
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Vc = 0 V / +2.5 V, Z0 = 50 Ohms
4,5
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
0.3
0.35
0.4
0.55
Isolation
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
20
24
21
Return Loss
0.05 - 3.0 GHz
dB
20
IP2
Two Tone +5 dBm, 5 MHz Spacing
dBm
62
IP3
Two Tone +5 dBm, 5 MHz Spacing
dBm
45
P1dB
dBm
21
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
35
Ton, Toff
50% Vc to 10% RF, 50% Vc to 90% RF
nS
40
Transients
In-Band
mV
10
Control Current
⏐Vc⏐ = 2.5 V
µA
5
20
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Lead-Free SOT-26
† Reference Application Note M538 for lead-free solder reflow
recommendations.
Control
V1
Control
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
Truth Table
6
6. 0 = 0 V to 0.2 V, 1 = +2.5 V to 5 V
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0176 MA-COM-MASWSS0176 Datasheet
639Kb / 4P
   GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0176SMB MACOM-MASWSS0176SMB Datasheet
182Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176SMB MA-COM-MASWSS0176SMB Datasheet
639Kb / 4P
   GaAs SPDT Switch
More results

Similar Description - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
Tyco Electronics
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
   GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
   GaAs 0.5 -3 GHz SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com