Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWEB2L-128P-6K718 Datasheet(PDF) 6 Page - Glenair, Inc.

Part # MWEB2L-128P-6K718
Description  MWEB Series EdgeBoard Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWEB2L-128P-6K718 Datasheet(HTML) 6 Page - Glenair, Inc.

  MWEB2L-128P-6K718 Datasheet HTML 1Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 2Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 3Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 4Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 5Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 6Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 7Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 8Page - Glenair, Inc. MWEB2L-128P-6K718 Datasheet HTML 9Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
N-7
E-Mail: sales@glenair.com
N
MWEB-184S STRADDLE MOUNT CARDEDGE CONNECTOR
Part Number MWEB2L-184NS4BS3
MWEB Series EdgeBoard Connectors
MWEB-184S Straddle Mount Cardedge Connector
2.775 ± .005
(70.49 ± 0.13)
.277/.263
(7.04/6.68)
.091/.098
(2.31/2.49)
DIA 3 PLACES
.465 (11.81)
MAX
.190 (4.83)
DIA 3 PLACES
.260/.240
(6.60/6.10)
.070
(1.78)
FOR 1/16"
THICK PC
BOARD
.030 (0.76)
MAX
.100 (2.54) MIN
SOLDER
.200 ± .020
(5.08 ± .51) MIN
.091/.098
(2.31/2.49)
DIA 3 PLACES
2.775 (70.49)
5.550 (140.97)
.275 (6.99)
45 EQUAL SPACES
AT .050 (1.27)
(TYP)
.020/.032 (0.51/0.81)
45 EQUAL SPACES
AT .050 (1.27)
(TYP)
.250 (6.35) MIN
.275
(6.99)
.275
(6.99)
.128 (3.25) MAX
PATTERN SHOWN IS THE SAME
ON BOTH SIDES OF PC BOARD
5.800 ± .015
(147.32 ± 0.38)
5.550 (140.97)
5.33 (135.38)
MAX
.191
.265
(6.73)
MAX.
PIN # A1
PIN # B1
PIN # B92
PIN # A92
.050 (1.27)
TYP.
.050 (1.27)


Similar Part No. - MWEB2L-128P-6K718

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWE6IC9100GNR1 NXP-MWE6IC9100GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
MWE6IC9100N NXP-MWE6IC9100N Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
logo
Freescale Semiconductor...
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MWEB2L-128P-6K718

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
EDAC, All Rights Reserv...
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
368-240-318 EDAC-368-240-318 Datasheet
63Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com