Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADXL327Z Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADXL327Z
Description  Small, Low Power, 3-Axis 짹2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADXL327Z Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADXL327Z Datasheet HTML 4Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 5Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 6Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 7Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 8Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 9Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 10Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 11Page - Analog Devices EVAL-ADXL327Z Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADXL327
Rev. 0 | Page 8 of 16
0
10
20
30
40
50
60
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
SENSITIVITY (V/g)
Figure 15. X-Axis Sensitivity at 25°C, VS = 3 V
0
10
20
30
40
50
60
70
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
SENSITIVITY (V/g)
Figure 16. Y-Axis Sensitivity at 25°C, VS = 3 V
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
SENSITIVITY (V/g)
0
10
20
30
40
50
60
Figure 17. Z-Axis Sensitivity at 25°C, VS = 3 V
–30
–40
–20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
N = 8
Figure 18. X-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V
–40 –30 –20 –10
0
102030
405060708090
TEMPERATURE (°C)
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
N = 8
Figure 19. Y-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
N = 8
Figure 20. Z-Axis Sensitivity vs. Temperature,
Eight Parts Soldered to PCB, VS = 3 V


Similar Part No. - EVAL-ADXL327Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXL323Z AD-EVAL-ADXL323Z Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
EVAL-ADXL325Z AD-EVAL-ADXL325Z Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
EVAL-ADXL326Z AD-EVAL-ADXL326Z Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results

Similar Description - EVAL-ADXL327Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com