Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3634ARDZ-RL Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3634ARDZ-RL
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3634ARDZ-RL Datasheet(HTML) 3 Page - Analog Devices

  ADP3634ARDZ-RL Datasheet HTML 1Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 2Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 3Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 4Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 5Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 6Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 7Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 8Page - Analog Devices ADP3634ARDZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 3 of 16
SPECIFICATIONS
VDD = 12 V, TJ = −40°C to +125°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
V
DD
ADP3633/ADP3634/ADP3635
9.5
18
V
V
DD
ADP3623/ADP3624/ADP3625
4.5
18
V
Supply Current
I
DD
No switching, INA, INA, INB, and INB disabled
1.2
3
mA
Standby Current
I
SBY
SD = 5 V
1.2
3
mA
UVLO
Turn-On Threshold Voltage
V
UVLO_ON
V
DD rising, TA = 25°C, ADP3633/ADP3634/ADP3635
8.0
8.7
9.5
V
V
UVLO_ON
V
DD rising, TA = 25°C, ADP3623/ADP3624/ADP3625
3.8
4.2
4.5
V
Turn-Off Threshold Voltage
V
UVLO_OFF
V
DD falling, TA = 25°C, ADP3633/ADP3634/ADP3635
7.0
7.7
8.5
V
V
UVLO_OFF
V
DD falling, TA = 25°C, ADP3623/ADP3624/ADP3625
3.5
3.9
4.3
V
Hysteresis
ADP3633/ADP3634/ADP3635
1.0
V
ADP3623/ADP3624/ADP3625
0.3
V
DIGITAL INPUTS (INA, INA, INB, INB, SD)
Input Voltage High
V
IH
2.0
V
Input Voltage Low
V
IL
0.8
V
Input Current
I
IN
0 V < V
IN < VDD
−20
+20
µA
SD Threshold High
V
SD_H
1.19
1.28
1.38
V
V
SD_H
T
A = 25°C
1.21
1.28
1.35
V
SD Threshold Low
V
SD_L
T
A = 25°C
0.95
1.0
1.05
V
SD Hysteresis
V
SD_HYST
T
A = 25°C
240
280
320
mV
Internal Pull-Up/Pull-Down Current
6
µA
OUTPUTS (OUTA, OUTB)
Output Resistance, Unbiased
VDD = PGND
80
kΩ
Peak Source Current
See Figure 20
4
A
Peak Sink Current
See Figure 20
−4
A
SWITCHING TIME
OUTA, OUTB Rise Time
t
RISE
C
LOAD = 2.2 nF, see Figure 3 and Figure 4
10
25
ns
OUTA, OUTB Fall Time
t
FALL
C
LOAD = 2.2 nF, see Figure 3 and Figure 4
10
25
ns
OUTA, OUTB Rising Propagation Delay
t
D1
C
LOAD = 2.2 nF, see Figure 3 and Figure 4
14
30
ns
OUTA, OUTB Falling Propagation Delay
t
D2
C
LOAD = 2.2 nF, see Figure 3 and Figure 4
22
35
ns
SD Propagation Delay Low
t
dL_SD
See Figure 2
32
45
ns
SD Propagation Delay High
t
dH_SD
See Figure 2
48
75
ns
Delay Matching Between Channels
2
ns
OVERTEMPERATURE PROTECTION
Overtemperature Warning Threshold
T
W
See Figure 6
120
135
150
°C
Overtemperature Shutdown Threshold
T
SD
See Figure 6
150
165
180
°C
Temperature Hysteresis for Shutdown
T
HYS_SD
See Figure 6
30
°C
Temperature Hysteresis for Warning
T
HYS_W
See Figure 6
10
°C
Overtemperature Warning Low
V
OTW_OL
Open drain, −500 µA
0.4
V
1 All limits at temperature extremes guaranteed via correlation using standard statistical quality control (SQC) methods.


Similar Part No. - ADP3634ARDZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3630 AD-ADP3630 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3630ARMZ-R7 AD-ADP3630ARMZ-R7 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3630ARZ-R7 AD-ADP3630ARZ-R7 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3631 AD-ADP3631 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3631ARMZ-R7 AD-ADP3631ARMZ-R7 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
More results

Similar Description - ADP3634ARDZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
   High Speed, Dual, 4 A MOSFET Driver
REV. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Analog Devices
ADP3629 AD-ADP3629 Datasheet
368Kb / 16P
   High Speed, Dual, 2 A MOSFET Driver
REV. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com