Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL346 Datasheet(PDF) 8 Page - Analog Devices

Part # ADXL346
Description  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL346 Datasheet HTML 4Page - Analog Devices ADXL346 Datasheet HTML 5Page - Analog Devices ADXL346 Datasheet HTML 6Page - Analog Devices ADXL346 Datasheet HTML 7Page - Analog Devices ADXL346 Datasheet HTML 8Page - Analog Devices ADXL346 Datasheet HTML 9Page - Analog Devices ADXL346 Datasheet HTML 10Page - Analog Devices ADXL346 Datasheet HTML 11Page - Analog Devices ADXL346 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADXL346
Preliminary Technical Data
Rev. PrC | Page 8 of 32
Figure 15. X-Axis Sensitivity at 25°C, VS = 2.5 V
Figure 16. Y-Axis Sensitivity at 25°C, VS = 2.5 V
Figure 17. Z-Axis Sensitivity at 25°C, VS = 2.5 V
Figure 18. Supply Current at 25°C, 100 Hz Output Data Rate,
VS = 2.5 V
Figure 19. Supply Current vs. Output Data Rate at 25°C—10 Parts, VS = 2.5 V
Figure 20. Supply Current vs. VS at 25°C


Similar Part No. - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ AD-ADXL346ACCZ Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL AD-ADXL346ACCZ-RL Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL7 AD-ADXL346ACCZ-RL7 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
More results

Similar Description - ADXL346

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com