Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3210ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3210ARZ
Description  Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3210ARZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM3210ARZ Datasheet HTML 1Page - Analog Devices ADuM3210ARZ Datasheet HTML 2Page - Analog Devices ADuM3210ARZ Datasheet HTML 3Page - Analog Devices ADuM3210ARZ Datasheet HTML 4Page - Analog Devices ADuM3210ARZ Datasheet HTML 5Page - Analog Devices ADuM3210ARZ Datasheet HTML 6Page - Analog Devices ADuM3210ARZ Datasheet HTML 7Page - Analog Devices ADuM3210ARZ Datasheet HTML 8Page - Analog Devices ADuM3210ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Channel Digital Isolators,
Enhanced System-Level ESD Reliability
ADuM3210/ADuM3211
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x
High temperature operation: 125°C
Default low output
Narrow body, RoHS-compliant, 8-lead SOIC
Low power operation
5 V operation
1.6 mA per channel maximum @ 0 Mbps to 2 Mbps
3.7 mA per channel maximum @ 10 Mbps
3 V operation
1.4 mA per channel maximum @ 0 Mbps to 2 Mbps
2.4 mA per channel maximum @ 10 Mbps
3 V/5 V level translation
High data rate: dc to 10 Mbps (NRZ)
Precise timing characteristics
3 ns maximum pulse-width distortion at 5 V operation
3 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
APPLICATIONS
Size-critical multichannel isolation
SPI interface/data converter isolation
RS-232/RS-422/RS-485 transceiver isolation
Digital field bus isolation
Gate drive interfaces
GENERAL DESCRIPTION
The ADuM321x1 are dual-channel, digital isolators based on
Analog Devices, Inc., iCoupler® technology. Combining high
speed CMOS and monolithic transformer technology, this
isolation component provides outstanding performance charac-
teristics superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler
devices remove the design difficulties commonly associated
with optocouplers. The typical optocoupler concerns regarding
uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects are eliminated with the
simple iCoupler digital interfaces and stable performance charac-
teristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-
sixth the power of optocouplers at comparable signal data rates.
The two channels of the ADuM321x are independent isolation
channels and are available in two channel configurations with
two different data rates up to 10 Mbps (see the Ordering Guide).
They operate with the supply voltage on either side ranging
from 2.7 V to 5.5 V, providing compatibility with lower voltage
systems as well as enabling voltage translation functionality across
the isolation barrier. The ADuM321x isolators have a default
output low characteristic in comparison to the ADuM3200/
ADuM3201 models that have a default output high characteristic.
The ADuM321x are also available in 125°C temperature grade.
In comparison to the ADuM120x isolator, the ADuM321x
isolators contain various circuit and layout changes providing
increased capability relative to system-level IEC 61000-4-x
testing (ESD, burst, and surge). The precise capability in these
tests for either the ADuM120x or ADuM321x products is strongly
determined by the design and layout of the user’s board or module.
For more information, see the AN-793 Application Note,
ESD/Latch-Up Considerations with iCoupler Isolation Products.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM3210
ENCODE
DECODE
ENCODE
DECODE
VDD1
VOA
VIB
GND1
VDD2
VIA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM3211
Figure 1. ADuM3210 Functional Block Diagram
Figure 2. ADuM3211 Functional Block Diagram
1 Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,239. Other patents pending.


Similar Part No. - ADuM3210ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3210ARZ AD-ADuM3210ARZ Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADuM3210ARZ-RL7 AD-ADuM3210ARZ-RL7 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
More results

Similar Description - ADuM3210ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com