Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4665ARUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4665ARUZ-REEL7
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665ARUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4665ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADN4665ARUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADN4665
Rev. 0 | Page 6 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC to GND
−0.3 V to +4 V
Input Voltage (DINx) to GND
−0.3 V to VCC + 0.3 V
Enable Input Voltage (EN, EN) to GND
−0.3 V to VCC + 0.3 V
Output Voltage (DOUTx+, DOUTx−) to GND
−0.3 V to VCC + 0.3 V
Short-Circuit Duration (DOUTx+, DOUTx−) to GND
Continuous
Industrial Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
TSSOP Package
150.4°C/W
SOIC Package
125°C/W
Reflow Soldering Peak Temperature (10 sec)
260°C max
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADN4665ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4665 AD-ADN4665 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results

Similar Description - ADN4665ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com