Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942-002NF-B1P1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 942-002NF-B1P1
Description  Connector Savers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

942-002NF-B1P1 Datasheet(HTML) 1 Page - Glenair, Inc.

  942-002NF-B1P1 Datasheet HTML 1Page - Glenair, Inc. 942-002NF-B1P1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
G-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Metric Dimensions (mm) are indicated in parentheses.
Sav-Con® Connector Savers
MIL-C-28840
EMI Ground Spring
Interfacial Seal
2.030
(51.6)
MAX
RECEPTACLE END
A Thread
Class 2B
A Thread
Class 2A
PLUG END
B
94 1-002 NF-F 1 P 5
Series No.
Class
1 = Environmental
Basic Part No.
Finish Symbol
(See Page G-6)
Alternate Position
(1, 2, 3, 4, 5, 6)
P = Pins, Plug Side
S = Sockets, Plug Side
Insert Arrangement
Shell Size Designator
Shell Size/
Insert
Arrangement
A1
B1
C1
D1
E1
F1
G1
H1
J1
A Thread
Class 2*
.750—.1P—0.2L—DS
.875—.1P—0.2L—DS
1.062—.1P—0.2L—DS
1.125—.1P—0.2L—DS
1.312—.1P—0.2L—DS
1.500—.1P—0.2L—DS
1.625—.1P—0.2L—DS
1.812—.1P—0.2L—DS
2.000—.1P—0.2L—DS
B
Max
1.028 (26.1)
1.141 (29.0)
1.263 (32.1)
1.387 (35.2)
1.513 (38.4)
1.703 (43.3)
1.825 (46.4)
2.143 (54.4)
2.329 (59.2)
Shell
Size Ref
11
13
15
17
19
23
25
29
33
Contact
Size 20:
Quantity
7
12
21
31
42
64
92
121
155
TABLE I


Similar Part No. - 942-002NF-B1P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-004 GLENAIR-942-004 Datasheet
194Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
942-005BB GLENAIR-942-005BB Datasheet
414Kb / 2P
   Plug/Receptacle
942-005MB GLENAIR-942-005MB Datasheet
414Kb / 2P
   Plug/Receptacle
More results

Similar Description - 942-002NF-B1P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
   Connector Savers
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
   Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
   Connector Savers
941-005 GLENAIR-941-005 Datasheet
204Kb / 3P
   Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
   connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
   connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
   connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
   connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
   Connector Savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
   connector savers
941-011 GLENAIR-941-011 Datasheet
189Kb / 3P
   connector savers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com