Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWEB2L-184NS-4J118 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWEB2L-184NS-4J118
Description  MWEB Series EdgeBoard Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWEB2L-184NS-4J118 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWEB2L-184NS-4J118 Datasheet HTML 1Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 2Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 3Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 4Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 5Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 6Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 7Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 8Page - Glenair, Inc. MWEB2L-184NS-4J118 Datasheet HTML 9Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
N-3
E-Mail: sales@glenair.com
N
MWEB-128P BACKPLANE THRU-HOLE CONNECTOR
Part Number MWEB2L-128P5W4-.375
MWEB Series EdgeBoard Connectors
MWEB-128P Vertical Mount Backplane Connector
3.950 ± .015
(100.33 ± 0.38)
.050 (1.27) TYP.
3.700 (93.98)
3.318 ± .003
(84.28 ± 0.08)
.191
.
265 (6.73)
MAX.
PIN # B1
PIN # A1
PIN # A64
PIN # B64
.050 (1.27)
.277/.263
(7.04/6.68)
.40 (10.1)
± .010 (0.25)
.190/.180
(4.83/4.57)
B EVEN
A EVEN
B ODD
A ODD
.300/.250
(7.62/6.35)
.375/.325
(9.52/8.26)
.075
(1.91)
Ø .017/.021
(0.43/0.53)
Ø .091/.098
(2.31/2.49)
DIA 2 PLACES
B1
B64
A64
A1
3.700 (93.98)
.275 (6.99)
.0375 (0.96)
.075 (1.91)
.075 (1.91)
.075
(1.91)
63 EQUAL SPACES
AT .050 (1.27)
(TYP)
A5
A3
A1
A2
A4
B5
B4
B2
B3
B1
2X Ø .096 (2.44)
128 X
Ø .040 PTH
PATTERN SHOWN IS FOR CONNECTOR
MOUNTING SIDE OF PC BOARD


Similar Part No. - MWEB2L-184NS-4J118

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWE6IC9100GNR1 NXP-MWE6IC9100GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
MWE6IC9100N NXP-MWE6IC9100N Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
logo
Freescale Semiconductor...
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MWEB2L-184NS-4J118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
EDAC, All Rights Reserv...
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
368-240-318 EDAC-368-240-318 Datasheet
63Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com