Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDM2L-9PCBSNN Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDM2L-9PCBSNN
Description  Micro-D Printed Circuit Board Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9PCBSNN Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDM2L-9PCBSNN Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9PCBSNN Datasheet HTML 2Page - Glenair, Inc. MWDM2L-9PCBSNN Datasheet HTML 3Page - Glenair, Inc. MWDM2L-9PCBSNN Datasheet HTML 4Page - Glenair, Inc. MWDM2L-9PCBSNN Datasheet HTML 5Page - Glenair, Inc. MWDM2L-9PCBSNN Datasheet HTML 6Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-15
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
MICRo-D CBS BoARD MouNt CoNNECtoR DIMENSIoNS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
In.
mm.
In .
± .005
mm.
± 0.13
In .
mm.
In .
mm.
In .
mm.
In .
± .003
mm.
± 0.08
In .
mm.
9P
.785
19.94
.565
14.35
.333
8.46
.184
4.67
.310
7.87
.183
4.65
.355
9.02
9S
.785
19.94
.565
14.35
.400
10.16
.250
6.35
.310
7.87
.195
4.95
.355
9.02
15P
.935
23.75
.715
18.16
.483
12.27
.184
4.67
.310
7.87
.183
4.65
.355
9.02
15S
.935
23.75
.715
18.16
.551
14.00
.250
6.35
.310
7.87
.195
4.95
.355
9.02
21P
1.085
27.56
.865
21.97
.633
16.08
.184
4.67
.310
7.87
.183
4.65
.355
9.02
21S
1.085
27.56
.865
21.97
.701
17.81
.250
6.35
.310
7.87
.195
4.95
.355
9.02
25P
1.185
30.01
.965
24.51
.733
18.62
.184
4.67
.310
7.87
.183
4.65
.355
9.02
25S
1.185
30.01
.965
24.51
.801
20.35
.250
6.35
.310
7.87
.195
4.95
.355
9.02
31P
1.335
33.91
1.115
28.32
.883
22.43
.184
4.67
.310
7.87
.183
4.65
.355
9.02
31S
1.335
33.91
1.115
28.32
.951
24.16
.250
6.35
.310
7.87
.195
4.95
.355
9.02
37P
1.485
37.72
1.265
32.13
1.033
26.24
.184
4.67
.310
7.87
.183
4.65
.355
9.02
37S
1.485
37.72
1.265
32.13
1.101
27.96
.250
6.35
.310
7.87
.195
4.95
.355
9.02
51P
1.435
36.45
1.215
30.86
.983
24.97
.224
5.69
.400
10.16
.183
4.65
.355
9.02
51S
1.435
36.45
1.215
30.86
1.051
26.70
.293
7.44
.400
10.16
.195
4.95
.355
9.02
100P
2.170
55.12
1.800
45.72
1.383
35.13
.270
6.86
.510
12.95
.183
4.65
.430 10.92
100S
2.170
55.12
1.800
45.72
1.451
36.86
.333
8.46
.510
12.95
.195
4.95
.430 10.92
A
E D
B
C
TAIL LENGTH
± .015 (0.38)
Ø .020 (0.51)
± .002 (0.05)
F
G
.025 (0.6)
Micro-D Printed Circuit Board Connectors
Condensed Board Straight CBS .075 Inch Spacing
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - MWDM2L-9PCBSNN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-9PCBRP GLENAIR-MWDM2L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9PCBRR1 GLENAIR-MWDM2L-9PCBRR1 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9PCBRR2 GLENAIR-MWDM2L-9PCBRR2 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-9PCBRR3 GLENAIR-MWDM2L-9PCBRR3 Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
More results

Similar Description - MWDM2L-9PCBSNN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-044SD-15MEN GLENAIR-790-044SD-15MEN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-029SK-43MENA GLENAIR-790-029SK-43MENA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com