Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16362 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16362
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362 Datasheet(HTML) 1 Page - Analog Devices

  ADIS16362 Datasheet HTML 1Page - Analog Devices ADIS16362 Datasheet HTML 2Page - Analog Devices ADIS16362 Datasheet HTML 3Page - Analog Devices ADIS16362 Datasheet HTML 4Page - Analog Devices ADIS16362 Datasheet HTML 5Page - Analog Devices ADIS16362 Datasheet HTML 6Page - Analog Devices ADIS16362 Datasheet HTML 7Page - Analog Devices ADIS16362 Datasheet HTML 8Page - Analog Devices ADIS16362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Six Degrees of Freedom Inertial Sensor
ADIS16362
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Triaxis digital gyroscope with digital range scaling
±75°/sec, ±150°/sec, ±300°/sec settings
Tight orthogonal alignment: <0.05°
Triaxis digital accelerometer: ±1.7 g
Autonomous operation and data collection
No external configuration commands required
Start-up time: 180 ms
Sleep mode recovery time: 4 ms
Factory-calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −20°C to +70°C
SPI-compatible serial interface
Embedded temperature sensor
Programmable operation and control
Automatic and manual bias correction controls
Bartlett window FIR filter length, number of taps
Digital I/O: data ready, alarm indicator, general-purpose
Alarms for condition monitoring
Sleep mode for power management
DAC output voltage
Enable external sample clock input: up to 1.2 kHz
Single-command self-test
Single-supply operation: 4.75 V to 5.25 V
2000 g shock survivability
Operating temperature range: −40°C to +105°C
APPLICATIONS
Medical instrumentation
Robotics
Platform control
Navigation
FUNCTIONAL BLOCK DIAGRAM
TRIAXIS MEMS
ANGULAR RATE
SENSOR
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
DIGITAL
CONTROL
POWER
MANAGEMENT
OUTPUT
REGISTERS
AND SPI
INTERFACE
AUX_
ADC
AUX_
DAC
RST
CS
SCLK
DIN
DOUT
TRIAXIS MEMS
ACCELERATION
SENSOR
VCC
GND
DIO4/
CLKIN
SELF-TEST
ADIS16362
TEMPERATURE
SENSOR
ALARMS
DIO3
DIO2
DIO1
Figure 1.
GENERAL DESCRIPTION
The ADIS16362 iSensor® is a complete inertial system that includes
a triaxis gyroscope and triaxis accelerometer. Each sensor in the
ADIS16362 combines industry-leading iMEMS® technology
with signal conditioning that optimizes dynamic performance.
The factory calibration characterizes each sensor for sensitivity,
bias, alignment, and linear acceleration (gyro bias). As a result,
each sensor has its own dynamic compensation formulas that
provide accurate sensor measurements over a temperature
range of −20°C to +70°C.
The ADIS16362 provides a simple, cost-effective method for
integrating accurate, multiaxis, inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary
motion testing and calibration are part of the production process
at the factory, greatly reducing system integration time. Tight
orthogonal alignment simplifies inertial frame alignment in
navigation systems. An improved SPI interface and register
structure provide faster data collection and configuration control.
The ADIS16362 uses a compatible pinout and the same package
as the ADIS1635x family. Therefore, systems that currently use
the ADIS1635x family can upgrade their performance with
minor firmware adjustments in their processor designs.
This compact module is approximately 23 mm × 23 mm × 23 mm
and provides a flexible connector interface that enables multiple
mounting orientation options.


Similar Part No. - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16362BMLZ AD-ADIS16362BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com