Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1633 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1633
Description  4.5RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1633 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1633 Datasheet HTML 5Page - Analog Devices ADG1633 Datasheet HTML 6Page - Analog Devices ADG1633 Datasheet HTML 7Page - Analog Devices ADG1633 Datasheet HTML 8Page - Analog Devices ADG1633 Datasheet HTML 9Page - Analog Devices ADG1633 Datasheet HTML 10Page - Analog Devices ADG1633 Datasheet HTML 11Page - Analog Devices ADG1633 Datasheet HTML 12Page - Analog Devices ADG1633 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1633/ADG1634
Rev. 0 | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1A
D1
S1B
S2A
D2
S2B
VDD
IN1
EN
VSS
S3A
IN2
IN3
D3
S3B
GND
ADG1633
TOP VIEW
(Not to Scale)
Figure 4. ADG1633 TSSOP Pin Configuration
PIN 1
INDICATOR
1
D1
2
S1B
3
S2B
4
D2
11 VSS
12 EN
10 S3B
9D3
TOP VIEW
(Not to Scale)
ADG1633
NOTES
1. EXPOSED PAD IS TIED TO THE SUBSTRATE, VSS.
Figure 5. ADG1633 LFCSP_VQ Pin Configuration
Table 8. ADG1633 Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP_VQ
1
15
VDD
Most Positive Power Supply Potential.
2
16
S1A
Source Terminal 1A. Can be an input or an output.
3
1
D1
Drain Terminal 1. Can be an input or an output.
4
2
S1B
Source Terminal 1B. Can be an input or an output.
5
3
S2B
Source Terminal 2B. Can be an input or an output.
6
4
D2
Drain Terminal 2. Can be an input or an output.
7
5
S2A
Source Terminal 2A. Can be an input or an output.
8
6
IN2
Logic Control Input 2.
9
7
IN3
Logic Control Input 3.
10
8
S3A
Source Terminal 3A. Can be an input or an output.
11
9
D3
Drain Terminal 3. Can be an input or an output.
12
10
S3B
Source Terminal 3B. Can be an input or an output.
13
11
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to ground.
14
12
EN
Active Low Digital Input. When this pin is high, the device is disabled and all switches are off. When
this pin is low, INx logic inputs determine the on switches.
15
13
IN1
Logic Control Input 1.
16
14
GND
Ground (0 V) Reference.
N/A
17
EP
Exposed Pad. The exposed pad is tied to the substrate, VSS.
Table 9. ADG1633 Truth Table
EN
INx
SxA
SxB
1
X1
Off
Off
0
0
Off
On
0
1
On
Off
1 X = don’t care.


Similar Part No. - ADG1633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1634LYCPZ-REEL7 AD-ADG1634LYCPZ-REEL7 Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Similar Description - ADG1633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com