Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4627-1BRZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4627-1BRZ-RL
Description  36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1BRZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4627-1BRZ-RL Datasheet HTML 5Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 6Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 7Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 8Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 9Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 10Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 11Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 12Page - Analog Devices ADA4627-1BRZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4627-1
Rev. A | Page 9 of 16
TA = 25°C, unless otherwise noted.
100
0
200
300
400
500
600
700
800
900
1000
1100
1200
–15
–10
–5
0
5
10
15
VCM (V)
IB
IB+
ADA4627-1
TA = 125°C
VSY = ±15V
Figure 21. Input Bias Current vs. VCM at 125°C
80
60
40
20
0
–20
–40
–60
–80
0
60
120
180
240
300
TIME (Seconds)
ADA4627-1
TA = 25°C
VSY = ±15V
Figure 22. Input Offset Voltage vs. Time
60
50
40
30
20
10
0
1
10
100
1000
10,000
LOAD CAPACITANCE (pF)
OS–
TA = 25°C
VSY = ±15V
AV = +1
VIN = 100mV p-p
OS+
Figure 23. Small Signal Overshoot vs. Load Capacitance
TIME (1µs/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 20V p-p
RF = RIN = 2kΩ
CF = 10pF
RL = 1kΩ
CL = 1nF
Figure 24. Large Signal Transient Response
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = +1
VIN = 20V p-p
RF = 0Ω
Figure 25 Large Signal Transient Response
CH1 5.00V
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 20V p-p
RF = RIN = 2kΩ
Figure 26. Large Signal Transient Response


Similar Part No. - ADA4627-1BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1BRZ-RL AD-ADA4627-1BRZ-RL Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1BRZ-RL AD-ADA4627-1BRZ-RL Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
ADA4627-1BRZ-RL AD-ADA4627-1BRZ-RL Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
More results

Similar Description - ADA4627-1BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1 AD-ADA4627-1_15 Datasheet
781Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
logo
Texas Instruments
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
[Old version datasheet]   Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
logo
Analog Devices
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
   Low-Bias-Current, High-Stability JFET Operational Amplifier
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
   LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
OP-41 AD-OP-41 Datasheet
505Kb / 6P
   LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
Texas Instruments
OPA828 TI-OPA828_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V JFET-Input, Operational Amplifiers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com