Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK846BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADCLK846BCPZ
Description  1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK846BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCLK846BCPZ Datasheet HTML 6Page - Analog Devices ADCLK846BCPZ Datasheet HTML 7Page - Analog Devices ADCLK846BCPZ Datasheet HTML 8Page - Analog Devices ADCLK846BCPZ Datasheet HTML 9Page - Analog Devices ADCLK846BCPZ Datasheet HTML 10Page - Analog Devices ADCLK846BCPZ Datasheet HTML 11Page - Analog Devices ADCLK846BCPZ Datasheet HTML 12Page - Analog Devices ADCLK846BCPZ Datasheet HTML 13Page - Analog Devices ADCLK846BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCLK846
Rev. A | Page 10 of 16
CH1 300mV
1.25ns/DIV
CH1
954mV
1
CH1 300mV
5.0ns/DIV
CH1
954mV
1
Figure 15. CMOS Output Waveform at 200 MHz, 10 pF Load
Figure 18. CMOS Output Waveform at 50 MHz, 10 pF Load
1.8
1.4
1.5
1.6
1.7
02
200
150
100
50
FREQUENCY (MHz)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
50
100
150
200
250
FREQUENCY (MHz)
25°C
85°C
50
RL = 1kΩ
RL = 750Ω
RL = 500Ω
RL = 300Ω
Figure 19. CMOS Output Swing vs. Frequency and Resistive Load
Figure 16. CMOS Output Swing vs. Frequency and Temperature, 10 pF Load
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0
50
100
150
200
250
CL = 5pF
CL = 10pF
CL = 20pF
FREQUENCY (MHz)
Figure 17. CMOS Output Swing vs. Frequency and Capacitive Load


Similar Part No. - ADCLK846BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK846BCPZ AD-ADCLK846BCPZ Datasheet
468Kb / 15P
   1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
ADCLK846BCPZ-REEL7 AD-ADCLK846BCPZ-REEL7 Datasheet
468Kb / 15P
   1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
More results

Similar Description - ADCLK846BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK846 AD-ADCLK846_17 Datasheet
468Kb / 15P
   1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
ADCLK854 AD-ADCLK854 Datasheet
548Kb / 16P
   1.8 V, 12-LVDS/24-CMOS Output, Low Power Clock Fanout Buffer
REV. 0
logo
Diodes Incorporated
PI6C5921512 DIODES-PI6C5921512 Datasheet
1Mb / 14P
   12 Output LVDS Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
   1:12, LVDS Output Fanout Buffer
8SLVD1212 IDT-8SLVD1212_16 Datasheet
555Kb / 21P
   1:12, LVDS Output Fanout Buffer
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com