Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4950-1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4950-1
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4950-1 Datasheet HTML 5Page - Analog Devices ADA4950-1 Datasheet HTML 6Page - Analog Devices ADA4950-1 Datasheet HTML 7Page - Analog Devices ADA4950-1 Datasheet HTML 8Page - Analog Devices ADA4950-1 Datasheet HTML 9Page - Analog Devices ADA4950-1 Datasheet HTML 10Page - Analog Devices ADA4950-1 Datasheet HTML 11Page - Analog Devices ADA4950-1 Datasheet HTML 12Page - Analog Devices ADA4950-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 9 of
28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, G = 1, RT = 53.6 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted. Refer to Figure 49
for test setup. Refer to Figure 52 for signal definitions.
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
VOUT, dm = 100mV p-p
G = 1, RT = 53.6Ω
G = 2, RT = 57.6Ω
G = 3, RT = 61.9Ω
Figure 7. Small-Signal Frequency Response for Various Gains
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
VS = ±5V
VS = ±2.5V
VOUT, dm = 100mV p-p
Figure 8. Small-Signal Frequency Response for Various Supplies
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
TA = –40°C
TA = +25°C
TA = +105°C
VOUT, dm = 100mV p-p
Figure 9. Small-Signal Frequency Response for Various Temperatures
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
1000
VOUT, dm = 2V p-p
G = 1, RT = 53.6Ω
G = 2, RT = 57.6Ω
G = 3, RT = 61.9Ω
FREQUENCY (MHz)
Figure 10. Large-Signal Frequency Response for Various Gains
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
1000
VOUT, dm = 2V p-p
VS = ±5V
VS = ±2.5V
FREQUENCY (MHz)
Figure 11. Large-Signal Frequency Response for Various Supplies
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
1000
FREQUENCY (MHz)
VOUT, dm = 2V p-p
TA = –40°C
TA = +25°C
TA = +105°C
Figure 12. Large-Signal Frequency Response for Various Temperatures


Similar Part No. - ADA4950-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4950-1YCP-EBZ AD-ADA4950-1YCP-EBZ Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
ADA4950-1YCPZ-R2 AD-ADA4950-1YCPZ-R2 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
ADA4950-1YCPZ-R7 AD-ADA4950-1YCPZ-R7 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
ADA4950-1YCPZ-RL AD-ADA4950-1YCPZ-RL Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
More results

Similar Description - ADA4950-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Texas Instruments
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com