Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27477Y8N Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MS27477Y8N
Description  Jam Nut Mount Hermetic Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27477Y8N Datasheet(HTML) 2 Page - Glenair, Inc.

  MS27477Y8N Datasheet HTML 1Page - Glenair, Inc. MS27477Y8N Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-17
B
MS27477
Jam Nut Mount Hermetic Receptacle
MIL-DTL-38999 Series II
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
±.016(0.4)
C FLAT
±.004(0.1)
D A/F
±.016(0.4)
8/08
.875-20 UNEF
1.375(34.9)
.815(20.7)
1.25(31.8)
10
1.000-20 UNEF
1.5(38.1)
.939(23.9)
1.375(34.9)
12
1.125-18 UNEF
1.625(41.3)
1.063(27.0)
1.5(38.1)
14
1.250-18 UNEF
1.75(44.5)
1.188(30.2)
1.625(41.3)
16
1.375-18 UNEF
1.938(49.2)
1.318(33.5)
1.781(45.2)
18
1.500-18 UNEF
2.016(51.2)
1.438(36.5)
1.890(48.0)
20
1.625-18 UNEF
2.141(54.4)
1.563(39.7)
2.016(51.2)
22
1.750-18 UNS
2.265(57.5)
1.688(42.9)
2.140(54.4)
24
1.875-16 UN
2.39(60.7)
1.813(46.1)
2.265(57.5)
TABLE I (CONTINUED): CONNECTOR DIMENSIONS
SHELL
SIZE
EP
MAX
ES
MAX
F
±.005(0.1)
G DIA
±.005(0.1)
H
±.005(0.1)
L MAX
8/08
.281 (7.1) .359 (9.1)
.438(11.1)
.889(22.6)
.828(21.0)
.724(18.4)
10
.281 (7.1) .359 (9.1)
.438(11.1)
1.015(25.8)
.952(24.2)
.724(18.4)
12
.281 (7.1) .359 (9.1)
.438(11.1)
1.139(28.9)
1.076(27.3)
.724(18.4)
14
.281 (7.1) .359 (9.1)
.438(11.1)
1.264(32.1)
1.201(30.5)
.724(18.4)
16
.281 (7.1) .359 (9.1)
.438(11.1)
1.389(35.3)
1.331(33.8)
.724(18.4)
18
.281 (7.1) .359 (9.1)
.438(11.1)
1.515(38.5)
1.451(36.9)
.724(18.4)
20
.250 (6.4) .344 (8.7)
.464(11.8)
1.640(41.7)
1.576(40.0)
.719(18.3)
22
.250 (6.4) .344 (8.7)
.464(11.8)
1.745(44.3)
1.701(43.2)
.719(18.3)
24
.250 (6.4) .344 (8.7)
.464(11.8)
1.890(48.0)
1.826(46.4)
.719(18.3)
TABLE ll: CONTACT SIZE
.050 ± .015
(1.27 ± 0.38)
SIZE 22D AND SIZE 20
SIZE 12 AND SIZE 16
PRINTED CIRCUIT TAIL CONFIGURATIONS
CONTACT STYLE C AND D
P
P
Contact
Size
ø P
22D
.011 (0.28)
.015 (0.38)
20
.024 (0.61)
.028 (0.71)
16
.0635 (1.61)
.0615 (1.56)
12
.095 (2.41)
.093 (2.36)
G DIA
Recommended Panel
Cut-Out
H
Connector Series
232 - Series II Type
Alternate Key Position
A, B, C, D,
(N = Normal)
Connector Material / Finish
ZL - CRES, Nickel
Z1 - CRES, Passivated
FT - Carbon Steel, Fused Tin
Shell Size
08,10,12,14,16,18,20,22,24
232 - 100 - H7
Z1
10 - 35
P
N
Shell Style
H7 - Hermetic Box Mount
Connector Type
100 - Hermetic
Receptacle
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
How To Order: Commercial
Insert Arrangement
Per MIL-STD-1560;
See Pages B-2 - B-4


Similar Part No. - MS27477Y8N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27477 GLENAIR-MS27477 Datasheet
59Kb / 1P
   Military Standard Connector Index
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results

Similar Description - MS27477Y8N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
   Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470Y9D GLENAIR-MS27470Y9D Datasheet
452Kb / 2P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com