Electronic Components Datasheet Search |
|
MS27478Y20E Datasheet(PDF) 2 Page - Glenair, Inc. |
|
MS27478Y20E Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2008 Glenair, Inc. E-Mail: sales@glenair.com B-19 B MS27478 Solder Mount Hermetic Receptacle MIL-DTL-38999 Series II TABLE I: CONNECTOR DIMENSIONS SHELL SIZE ø A ±.011(0.3) ø B C MAX ø H ±.005(0.1) 8/08 .688(17.5) .557(14.) .557(14.1) .125(3.2) .570(14.5) 10 .798(20.3) .673(17.1) .667(16.9) .680(17.3) 12 .907(23.0) .782(19.9) .776(19.7) .789(20.0) 14 1.032(26.2) .907(23.0) .901(22.9) .914(23.2) 16 1.157(29.4) 1.032(26.2) 1.027(26.1) 1.039(26.4) 18 1.282(32.6) 1.157(29.4) 1.151(29.2) 1.164(29.6) 20 1.376(35.0) 1.251(31.8) 1.245(31.6) 1.258(32.0) 22 1.501(38.1) 1.376(35.0) 1.370(34.8) .156(4.0) 1.383(35.1) 24 1.626(41.3) 1.501(38.1) 1.495(38.0) 1.508(38.3) TABLE ll: CONTACT SIZE .050 ± .015 (1.27 ± 0.38) SIZE 22D AND SIZE 20 SIZE 12 AND SIZE 16 PRINTED CIRCUIT TAIL CONFIGURATIONS CONTACT STYLE C AND D P P Contact Size ø P 22D .011 (0.28) .015 (0.38) 20 .024 (0.61) .028 (0.71) 16 .0635 (1.61) .0615 (1.56) 12 .095 (2.41) .093 (2.36) Connector Series 232 - Series II Type Alternate Key Position A, B, C, D, (N = Normal) Connector Material / Finish ZL - CRES, Nickel Z1 - CRES, Passivated FT - Carbon Steel, Fused Tin Shell Size 08,10,12,14,16,18,20,22,24 232 - 100 - H5 Z1 10 - 35 P N Shell Style H5 - Hermetic Solder Mount Connector Type 100 - Hermetic Receptacle Contact Termination P - Pin, Solder Cup X - Pin, Eyelet C - Pin, PCB S - Socket, Solder Cup Z - Socket, Eyelet D - Socket, PCB How To Order: Commercial Insert Arrangement Per MIL-STD-1560; See Pages B-2 - B-4 |
Similar Part No. - MS27478Y20E |
|
Similar Description - MS27478Y20E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |