Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27471Y13N Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MS27471Y13N
Description  Solder Mount Hermetic Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27471Y13N Datasheet(HTML) 2 Page - Glenair, Inc.

  MS27471Y13N Datasheet HTML 1Page - Glenair, Inc. MS27471Y13N Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-11
B
MS27471
Solder Mount Hermetic Receptacle
MIL-DTL-38999 Series I
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
ø A
±.016(0.4)
ø B
C
MAX
ø H
±.005(0.1)
9/09
.750(19.1)
.673(17.1)
.667(16.9)
.187(4.7)
.680(17.3)
11
.844(21.4)
.782(19.9)
.776(19.7)
.789(20.0)
13
.969(24.6)
.907(23.0)
.901(22.9)
.914(23.2)
15
1.094(27.8)
1.032(26.2)
1.027(26.1)
1.038(26.4)
17
1.218(30.9)
1.157(29.4)
1.151(29.2)
1.164(29.6)
19
1.312(33.3)
1.251(31.8)
1.245(31.6)
1.258(32.0)
21
1.438(36.5)
1.376(35.0)
1.370(34.8)
1.383(35.1)
23
1.563(39.7)
1.501(38.1)
1.495(38.0)
.218(5.5)
1.508(38.3)
25
1.688(42.9)
1.626(41.3)
1.620(41.1)
1.643(41.7)
TABLE ll: CONTACT SIZE
.050 ± .015
(1.27 ± 0.38)
SIZE 22D AND SIZE 20
SIZE 12 AND SIZE 16
PRINTED CIRCUIT TAIL CONFIGURATIONS
CONTACT STYLE C AND D
P
P
Contact
Size
ø P
22D
.011 (0.28)
.015 (0.38)
20
.024 (0.61)
.028 (0.71)
16
.0635 (1.61)
.0615 (1.56)
12
.095 (2.41)
.093 (2.36)
Connector Series
231 - Series I Type
Alternate Key Position
A, B, C, D,
(N = Normal)
Connector Material / Finish
ZL - CRES, Nickel
Z1 - CRES, Passivated
FT - Carbon Steel, Fused Tin
Shell Size
09,11,13,15,17,19,21,23,25
231 - 100 - H5
Z1
11 - 35
P
N
Shell Style
H5 - Hermetic Solder Mount
Connector Type
100 - Hermetic
Receptacle
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
How To Order: Commercial
Insert Arrangement
Per MIL-STD-1560;
See Pages B-2 - B-4


Similar Part No. - MS27471Y13N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27471 GLENAIR-MS27471 Datasheet
59Kb / 1P
   Military Standard Connector Index
MS27471 GLENAIR-MS27471 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
More results

Similar Description - MS27471Y13N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27478 GLENAIR-MS27478 Datasheet
200Kb / 1P
   Solder Mount Hermetic Receptacle
232-100-H5 GLENAIR-232-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
234-100-H5 GLENAIR-234-100-H5 Datasheet
253Kb / 1P
   Solder Mount Hermetic Receptacle
D38999-25 GLENAIR-D38999-25 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
231-100-H5 GLENAIR-231-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
D38999-45 GLENAIR-D38999-45 Datasheet
205Kb / 1P
   Solder Mount Hermetic Receptacle
233-100-H5 GLENAIR-233-100-H5 Datasheet
267Kb / 1P
   Solder Mount Hermetic Receptacle
MS27471 GLENAIR-MS27471 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
MS27478Y8D GLENAIR-MS27478Y8D Datasheet
447Kb / 2P
   Solder Mount Hermetic Receptacle
250-014Z18S-6PW GLENAIR-250-014Z18S-6PW Datasheet
355Kb / 2P
   Hermetic Receptacle, Solder Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com