Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-5A38B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-5A38B
Description  Environmental Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-5A38B Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-5A38B Datasheet HTML 1Page - Glenair, Inc. M85049-5A38B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
37-14
AS85049/5 Style 1
Environmental Backshells
M85049/5 W 10 A 1
Basic Part No.
Body and Cap Finish
A = Anodize
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel
Style 1
Type (A or B)
Dash Number
(Table II)
Glenair Connector Designator C
MIL-C-22992 Classes C, J, and R
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
4. Approx. Chain Lengths: Dash No. 1-9 = 5.0 (127.0); Dash No. 10-46 = 6.0 (152.4)
E
F
B
A Thread
Note 4
1.50 (38.1) Max
H
G
J Thread
J Thread
TYPE A - Plug Cap
For use with MS17344
TYPE B - Receptacle Cap
For use with MS17343,
MS17345, and MS17347
TABLE I
G Dia
Max
1.094 (27.8)
1.469 (37.3)
1.562 (39.7)
1.688 (42.9)
1.938 (49.2)
2.219 (56.4)
2.469 (62.7)
2.719 (69.1)
2.969 (75.4)
B Dia
±.015
(.4)
.933 (23.7)
1.307 (33.2)
1.433 (36.4)
1.557 (39.5)
1.807 (45.9)
2.057 (52.2)
2.307 (58.6)
2.557 (64.9)
2.870 (72.9)
Shell
Size
12
18
20
22
24
28
32
36
40
J Thread (plated)
Class 2 (A or B)
0.875-0.1P-0.2L-DS
1.250-0.1P-0.2L-DS
1.375-0.1P-0.2L-DS
1.500-0.1P-0.2L-DS
1.750-0.1P-0.2L-DS
2.000-0.1P-0.2L-DS
2.250-0.1P-0.2L-DS
2.500-0.1P-0.2L-DS
2.750-0.1P-0.2L-DS
H
Max
.765 (19.4)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
.980 (24.9)
A Thread
Class 2B-LH
.7500 - 20 UNEF
1.1250 - 18 UNEF
1.2500 - 18 UNEF
1.3750 - 18 UNEF
1.6250 - 18 UNEF
1.8750 - 16 UN
2.0625 - 16 UNS
2.3125 - 16 UNS
2.6250 - 16 UN


Similar Part No. - M85049-5A38B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-56G08A GLENAIR-M85049-56G08A Datasheet
114Kb / 1P
   Strain Reliefs
M85049-56G08N GLENAIR-M85049-56G08N Datasheet
114Kb / 1P
   Strain Reliefs
M85049-56G08W GLENAIR-M85049-56G08W Datasheet
114Kb / 1P
   Strain Reliefs
M85049-56G10A GLENAIR-M85049-56G10A Datasheet
114Kb / 1P
   Strain Reliefs
M85049-56G10N GLENAIR-M85049-56G10N Datasheet
114Kb / 1P
   Strain Reliefs
More results

Similar Description - M85049-5A38B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
   Environmental Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com