Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-87-14P02 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M85049-87-14P02
Description  Banding Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-87-14P02 Datasheet(HTML) 2 Page - Glenair, Inc.

  M85049-87-14P02 Datasheet HTML 1Page - Glenair, Inc. M85049-87-14P02 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
44-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
E Dia
Entry Size 01
±.010
(.3)
N/A
N/A
.312
(7.9)
.438 (11.1)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.688 (17.5)
.750 (19.1)
E Dia
Entry Size 02
±.010
(.3)
.250
(6.4)
.312
(7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.812 (20.6)
.938 (23.8)
1.000 (25.4)
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE II - Straight Only
AS85049/85, AS85049/86, and AS85049/87
Banding Backshells
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE I
F
Max
.87
(22.1)
.90
(22.9)
.92
(23.4)
.95
(24.1)
.98
(24.9)
.98
(24.9)
1.01
(25.7)
1.04
(26.4)
1.07
(27.2)
H
Max
1.375 (34.9)
1.437 (36.5)
1.562 (39.7)
1.687 (42.8)
1.750 (44.5)
1.875 (47.6)
1.938 (49.2)
2.062 (52.4)
2.125 (54.0)
J
Max
1.417 (36.0)
1.480 (37.6)
1.553 (39.4)
1.614 (41.0)
1.678 (42.6)
1.733 (44.0)
1.796 (45.6)
1.859 (47.2)
1.919 (48.7)
G
Max
1.16
(29.5)
1.19
(30.2)
1.21
(30.7)
1.24
(31.5)
1.26
(32.0)
1.27
(32.3)
1.30
(33.0)
1.33
(33.8)
1.35
(34.3)
A Thread
Class 2B
.438 - 28 UNEF
.562 - 24 UNEF
.688 - 24 UNEF
.813 - 20 UNEF
.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
C Dia
Max
.86 (21.8)
.99 (25.1)
1.16 (29.5)
1.28 (32.5)
1.41 (35.8)
1.52 (38.6)
1.64 (41.7)
1.77 (45.0)
1.89 (48.0)
K Dia
Entry Size 02
±.010
(.3)
N/A
N/A
.312
(7.9)
.438 (11.1)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.688 (17.5)
.750 (19.1)
K Dia
Entry Size 03
±.010
(.3)
.250
(6.4)
.312
(7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.812 (20.6)
.938 (23.8)
1.000 (25.4)
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE III - 45° and 90° Only


Similar Part No. - M85049-87-14P02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-10 GLENAIR-M85049-8-10 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-11 GLENAIR-M85049-8-11 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-12 GLENAIR-M85049-8-12 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-13 GLENAIR-M85049-8-13 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
More results

Similar Description - M85049-87-14P02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-88-09G02 GLENAIR-M85049-88-09G02 Datasheet
88Kb / 1P
   Banding Backshells
M85049-82-08N02 GLENAIR-M85049-82-08N02 Datasheet
115Kb / 1P
   Banding Backshells
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
   Lightweight backshells
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com