Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3115-22A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS3115-22A
Description  Dummy Stowage Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS3115-22A Datasheet(HTML) 1 Page - Glenair, Inc.

  MS3115-22A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
65-3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
G
Dim
.594 (15.1)
.719 (18.3)
.812 (20.6)
.906 (23.0)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
H Dia
±.005
(0.1)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.120
(3.0)
.147
(3.7)
E Dia
±.003
(.1)
.471 (12.0)
.588 (14.9)
.748 (19.0)
.873 (22.2)
.998 (25.3)
1.123 (28.5)
1.248 (31.7)
1.373 (34.9)
1.498 (38.0)
Shell
Size
8
10
12
14
16
18
20
22
24
F
Max
.828 (21.0)
.954 (24.2)
1.047 (26.6)
1.141 (29.0)
1.234 (31.3)
1.328 (33.7)
1.453 (36.9)
1.578 (40.1)
1.703 (43.3)
J
±.016
(.4)
.478 (12.1)
.478 (12.1)
.478 (12.1)
.478 (12.1)
.478 (12.1)
.478 (12.1)
.572 (14.5)
.572 (14.5)
.605 (15.4)
K
±.016
(.4)
.062
(1.6)
.062
(1.6)
.062
(1.6)
.062
(1.6)
.062
(1.6)
.062
(1.6)
.094
(2.4)
.094
(2.4)
.094
(2.4)
F
G
H
J
K
E
Gasket
MS3115-16 L
Basic Part No.
Dash No.
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
TABLE I
MS3115
Dummy Stowage Receptacle
Mating Connector
MIL-DTL-26482
Finish
A = Hard Anodize
L = Electroless Nickel
W = Cadmium Olive Drab over
Electroless Nickel
65 N Dummies.p65
5/16/2006, 11:56 AM
3


Similar Part No. - MS3115-22A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3115 GLENAIR-MS3115 Datasheet
59Kb / 1P
   Military Standard Connector Index
More results

Similar Description - MS3115-22A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
   Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
   Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
   Dummy Stowage Receptacle
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
   Dummy Stowage Receptacle
M38999-108B GLENAIR-M38999-108B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
M81511-19-08-1 GLENAIR-M81511-19-08-1 Datasheet
76Kb / 1P
   Dummy Stowage Receptacle
MS3105-8S GLENAIR-MS3105-8S Datasheet
35Kb / 1P
   Dummy Stowage Receptacle
M38999-911B GLENAIR-M38999-911B Datasheet
74Kb / 1P
   Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
   Dummy Stowage Receptacle
650BS001B20 GLENAIR-650BS001B20 Datasheet
29Kb / 1P
   Dummy Stowage Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com