Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-89-19N02 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-89-19N02
Description  Banding Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-89-19N02 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-89-19N02 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
44-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/88, AS85049/89, and AS85049/90
Banding Backshells
Shell
Size
9
11
13
15
17
19
21
23
25
Size 02
±.010
(.3)
N/A
N/A
.312
(7.9)
.438
(11.1)
.500
(12.7)
.625
(15.9)
.625
(15.9)
.688
(17.5)
.750
(19.1)
1. For complete dimensions
see applicable Military
Specification.
2. Metric dimensions (mm) are
indicated in parentheses.
Size 03
±.010
(.3)
.250
(6.4)
.312
(7.9)
.438
(11.1)
.562
(14.3)
.625
(15.9)
.750
(19.1)
.812
(20.6)
.938
(23.8)
1.000
(25.4)
TABLE I
M85049/88-17 P 02
Basic Part No.:
M85049/88 = Straight
M85049/89 = 45°
M85049/90 = 90°
Shell Size
Entry Size
Finish and Material
A Thread
Typ.
C Typ.
1.35 (34.3)
Max
F
E Dia
Typ.
Band Term. Area
Free of Cadmium,
Knurl or Ridges
Mfr's Option
L and P Finish
Options (Typ.)
Polysulfide Strips
G
H
J
F
Max
1.01
(25.7)
1.03
(26.2)
1.06
(26.9)
1.08
(27.4)
1.11
(28.2)
1.12
(28.4)
1.15
(29.2)
1.17
(29.7)
1.20
(30.5)
G
Max
1.16
(29.5)
1.19
(30.2)
1.21
(30.7)
1.24
(31.5)
1.26
(32.0)
1.27
(32.3)
1.30
(33.0)
1.33
(33.8)
1.35
(34.3)
H
Max
1.375
(34.9)
1.437
(36.5)
1.562
(39.7)
1.687
(42.8)
1.750
(44.5)
1.875
(47.6)
1.938
(49.2)
2.062
(52.4)
2.125
(54.0)
J
Max
1.417
(36.0)
1.480
(37.6)
1.553
(39.4)
1.614
(41.0)
1.678
(42.6)
1.733
(44.0)
1.796
(45.6)
1.859
(47.2)
1.919
(48.7)
E Dia Cable Entry
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
C Dia
Max
.86
(21.8)
.99
(25.1)
1.16
(29.5)
1.28
(32.5)
1.41
(35.8)
1.52
(38.6)
1.64
(41.7)
1.77
(45.0)
1.89
(48.0)
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
E Dia
E
Dia
Self Locking Coupling
Finish Option
Aluminum Material
G
N
P
W
Finish
Electroless Nickel (Space Grade)
Electroless Nickel
Cadmium Olive Drab Over Electroless Nickel
with Polysulfide Sealant Strips
1,000 Hour Cadmium Olive Drab Over
Electroless Nickel
TABLE II
Finish Option
Composite Material
Not Available
M
L
J


Similar Part No. - M85049-89-19N02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-10 GLENAIR-M85049-8-10 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-11 GLENAIR-M85049-8-11 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-12 GLENAIR-M85049-8-12 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-13 GLENAIR-M85049-8-13 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
More results

Similar Description - M85049-89-19N02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-82-08N02 GLENAIR-M85049-82-08N02 Datasheet
115Kb / 1P
   Banding Backshells
M85049-85-08N02 GLENAIR-M85049-85-08N02 Datasheet
90Kb / 2P
   Banding Backshells
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
   Lightweight backshells
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com