Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-117 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # DS-117
Description  Three-Way Power Divider, 1 - 300 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-117 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  DS-117 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-117 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS-117 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Three-Way Power Divider,
1 - 300 MHz
Rev. V3
DS-117 / 308
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Isolation
Insertion Loss
VSWR
Part Number
Package
DS-117 PIN
FP-3
DS-308 BNC
C-8
DS-308 N
C-8
DS-308 SMA
C-8


Similar Part No. - DS-117

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
   Three-Way Power Divider
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
DS-117PIN MACOM-DS-117PIN Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
More results

Similar Description - DS-117

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
logo
M/A-COM Technology Solu...
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
   Three-Way Power Divider, 3 - 700 MHz
logo
Tyco Electronics
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
   Three-Way Power Divider 3 - 700 MHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
   Three-Way Power Divider
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
   Three-Way Power Divider
logo
Tyco Electronics
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
   Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
DS-310 MACOM-DS-310 Datasheet
128Kb / 1P
   Flatpack Four-Way Power Divider 0.2 - 300 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
   Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
   Flatpack Three-Way Power Divider, 25 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com