Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-1909W07A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-1909W07A
Description  EMI/RFI Non-Environmental Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-1909W07A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-1909W07A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
38-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/19
EMI/RFI Non-Environmental Backshells
C
Dia
Length
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire
bundle or cable. Dimensions shown are not intended for inspec-
tion criteria.
M85049/19 11 W 03 A
Basic Part No.
Shell Size
Finish
N = Electroless Nickel
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel
A Thread
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE II
E
Length Code (Omit for Standard)
Clamp Size
1.350
(34.3)
Max
Cable
Range
E
Max
.80 (20.3)
1.00 (25.4)
1.10 (27.9)
1.20 (30.5)
1.25 (31.8)
1.40 (35.6)
1.50 (38.1)
1.65 (41.9)
1.75 (44.5)
1.90 (48.3)
Available
Shell Sizes
9 - 25
9 - 25
15 - 25
21 - 25
Length
Code
Std.
A
B
C
TABLE III
Length
1.500 (38.1)
2.500 (63.5)
3.500 (88.9)
4.500 (114.3)
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Cable Range
Max
02
03
04
05
06
07
08
09
10
Shell
Size
9
11
13
15
17
19
21
23
25
TABLE I
Clamp Size
(Table II)
Min
01
01
02
02
02
03
03
03
04
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
C Dia
Max
.75 (19.1)
.85 (21.6)
1.00 (25.4)
1.10 (27.9)
1.25 (31.8)
1.40 (35.6)
1.50 (38.1)
1.65 (41.9)
1.70 (43.2)


Similar Part No. - M85049-1909W07A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-19-A GLENAIR-M85049-19-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
M85049-19A-A GLENAIR-M85049-19A-A Datasheet
214Kb / 1P
   Mounting Flange, 3/4 Perimeter
More results

Similar Description - M85049-1909W07A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M85049-25-01 GLENAIR-M85049-25-01 Datasheet
109Kb / 4P
   EMI/RFI Non-Environmental Backshells
M85049-37-8N01 GLENAIR-M85049-37-8N01 Datasheet
36Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-24-01 GLENAIR-M85049-24-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-6-01 GLENAIR-M85049-6-01 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com