Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85528-2-22A-B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85528-2-22A-B
Description  Mounting Flange
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85528-2-22A-B Datasheet(HTML) 1 Page - Glenair, Inc.

  M85528-2-22A-B Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
68-20
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
M85528/2-8A 01 A
Basic Part No.
Shell Size and Class
A = Primer Coat Required
Numerical designation indicates corrosion resistant
nuts are required. Omit for alloy steel nuts.
M85528/2
Mounting Flange, 3/4 Perimeter
1. For complete
dimensions see
applicable Military
Specification.
2. Metric dimensions
(mm) are indicated
in parentheses.
D
B
A
AB
Nut, Self-Locking, Clinch Type
per MIL-N-45938, 4 Places
.040 (1.0)
±.003 (.1)
E
C
A
±.003
(.1)
.625 (15.9)
.469 (11.9)
.719 (18.3)
.594 (15.1)
.719 (18.3)
.812 (20.6)
.812 (20.6)
.938 (23.8)
.906 (23.0)
1.031 (26.2)
.969 (24.6)
1.125 (28.6)
1.062 (27.0)
1.203 (30.6)
.906 (23.0)
1.156 (29.4)
1.297 (32.9)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.375 (34.9)
1.500 (38.1)
.969 (24.6)
1.562 (39.7)
1.750 (44.5)
1.938 (49.2)
1.187 (30.1)
1.437 (36.5)
Shell
Size &
Class
3A
6A
7A
8A
10A
10B
12A
12B
14A
14B
16A
16B
18A
18B
19A
20A
20B
22A
22B
24A
24B
25A
27A
28A
32A
36A
37A
61A
Thread
UNJC-3B
4-40
4-40
4-40
4-40
4-40
6-32
4-40
6-32
4-40
6-32
4-40
6-32
4-40
6-32
4-40
4-40
6-32
4-40
6-32
4-40
6-32
6-32
4-40
6-32
6-32
6-32
4-40
4-40
TABLE I
C
±.010
(.4)
.641 (16.3)
.366
(9.3)
.688 (17.5)
.570 (14.5)
.720 (18.3)
.749 (19.0)
.855 (21.7)
.938 (23.8)
.984 (25.0)
1.031 (26.2)
1.094 (27.8)
1.125 (28.6)
1.220 (31.0)
1.234 (31.3)
.953 (24.2)
1.345 (34.2)
1.359 (34.5)
1.478 (37.5)
1.483 (37.7)
1.560 (39.6)
1.595 (40.5)
1.658 (42.1)
1.094 (27.8)
1.820 (46.2)
2.062 (52.4)
2.312 (58.7)
1.281 (32.5)
1.594 (40.5)
D
±.030
(.8)
.136
(3.5)
.136
(3.5)
.136
(3.5)
.136
(3.5)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.136
(3.5)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.153
(3.9)
.153
(3.9)
.153
(3.9)
.136
(3.5)
.153
(3.9)
.153
(3.9)
.153
(3.9)
.136
(3.5)
.136
(3.5)
E
±.020
(.5)
.325
(8.3)
.183
(4.6)
.433 (11.0)
.308
(7.8)
.433 (11.0)
.433 (11.0)
.530 (13.5)
.526 (13.4)
.624 (15.8)
.620 (15.7)
.687 (17.4)
.683 (17.3)
.780 (19.8)
.776 (19.7)
.620 (15.7)
.874 (22.2)
.865 (22.0)
.968 (24.6)
.907 (23.0)
1.000 (25.4)
1.031 (26.2)
1.125 (28.6)
.683 (17.3)
1.125 (28.6)
1.188 (30.2)
1.375 (34.9)
.874 (22.2)
1.602 (40.7)
B
±.015
(.4)
.925 (23.5)
.755 (19.2)
1.019 (25.9)
.880 (22.4)
1.019 (25.9)
1.187 (30.1)
1.104 (28.0)
1.312 (33.3)
1.198 (30.4)
1.406 (35.7)
1.280 (32.5)
1.500 (38.1)
1.406 (35.7)
1.578 (40.1)
1.192 (30.3)
1.535 (39.0)
1.688 (42.9)
1.665 (42.3)
1.738 (44.1)
1.891 (48.0)
1.785 (45.3)
1.891 (48.0)
1.255 (31.9)
2.000 (50.8)
2.312 (58.7)
2.500 (63.5)
1.500 (38.1)
1.812 (46.0)


Similar Part No. - M85528-2-22A-B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85528-1-08-A GLENAIR-M85528-1-08-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
M85528-1-10-A GLENAIR-M85528-1-10-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
M85528-1-12-A GLENAIR-M85528-1-12-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
M85528-1-14-A GLENAIR-M85528-1-14-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
M85528-1-16-A GLENAIR-M85528-1-16-A Datasheet
60Kb / 1P
   Mounting Flange, Full Perimeter
More results

Similar Description - M85528-2-22A-B

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
   Mounting Flange
logo
Pepperl+Fuchs Inc.
BF12-F PF-BF12-F Datasheet
579Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
   Mounting Flange
logo
Pepperl+Fuchs Inc.
BF5 PF-BF5 Datasheet
524Kb / 1P
   Mounting flange
BF5-30 PF-BF5-30 Datasheet
292Kb / 3P
   Mounting flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com